Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electro-pneumatic positioner for integrated mounting on process control valves
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Type 8692
11 | 17
Visit product website 
M12 fieldbus connection, D-coded
Pin
Belegung
Anschlussbild
1
Transmit +
4
3
1
2
2
Receive +
3
Transmit –
4
Receive –
M12 circular plug, 4-pin, operating voltage
Pin
Wire colour 1.)
Pin assignment
1
Brown
Operating voltage + 24 V DC
2
–
Not assigned
3
Blue
Operating voltage GND
4
–
Not assigned
1.) The specified wire colours refer to the connection cable which is available as an accessory with Article no. 918038.
Bürkert system bus (büS) connection
1
2
3
4
1
2
3
4
5
M12 circular plug
5-pin (büS)
M12 circular plug
4-pin (operating voltage)
M12 circular plug × 1, 5-pin, büS connection
Pin
Wire colour
Pin assignment
1
CAN shielding
CAN shielding
2
–
Not assigned
3
Black
GND/CAN_GND
4
White
CAN_H
5
Blue
CAN_L
M12 circular plug, 4-pin, operating voltage
Pin
Wire colour 1.)
Pin assignment
1
Brown
Operating voltage + 24 V DC
2
–
Not assigned
3
Blue
Operating voltage GND
4
–
Not assigned
1.) The specified wire colours refer to the connection cable which is available as an accessory with Article no. 918038.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com