Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electro-pneumatic positioner for integrated mounting on process control valves
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Type 8692
12 | 17
Visit product website 
6.
Performance specifications
6.1. Signal flow diagram
Position control loop
Position
setpoint
CMD
POS
Positioner
Pilot valve
system
Position sensor system
Position control loop
Valve
opening
Control valve
-
+
Xd1
B1
P
K
Z1
E1
Additional software options of the TopControl Type 8692 (extract)
Automatic commissioning of control valve system
• Automatic or manual characteristic curves selection
• Setting of seal and maximum stroke threshold, respectively
• Parameterisation of positioner
• Limitation of stroke range
• Limitation of positioning speed
• Setting direction of movement
• Configuration of digital input
• Signal range splitting on several controllers
• Configuration of 1 analogue or 2 digital outputs
• Signal fault detection
• Safety position
• Code protection
• Contrast inversion of display
• Parameterisable diagnostic functions 1.)/digital output (option)
– Operating hours counter
– Path accumulator
– Position monitoring
– Graphical display of dwell time density and movement range
– Monitoring of mechanical end positions in the armature
– Direction-reversal counter
– Temperature monitoring
1.) Further diagnostic functions with detailed description can be found in the operating instructions Type 8692 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com