Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electro-pneumatic positioner for integrated mounting on process control valves
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Type 8692
10 | 17
Visit product website 
PROFIBUS DP connection
1
2
3
4
2
1
4
3
5
1
3
4
2
5
M12 circular plug, 4-pin
Operating voltage
M12 socket, 5-pin
(inversely coded)
(PROFIBUS DP)
M12 circular plug, 5-pin (inversely coded)
(PROFIBUS DP)
Protective earth (PE)
Socket/M12 circular plug, 5-pin - fieldbus connection
Pin
Pin assignment
1
VP+ 5
2
RxD/TxD-N
3
DGND
4
RxD/TxD-P
5
Not assigned
Thread Shielding/protective earth
M12 circular plug, 4-pin - operating voltage
Pin
Wire colour 1.)
Pin assignment
1
Brown
+ 24 V
2
–
Not assigned
3
Blue
GND
4
–
Not assigned
1.) The wire colours indicated refer to the connection cable available as an accessory with the Article no. 918038.
EtherNet/IP, PROFINET, Modbus TCP connection
1
2
3
4
4
3
1
2
M12 circular plug
4-pin (operating voltage)
M12 fieldbus connection
(2 port ethernet switch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com