Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 16 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electro-pneumatic positioner for integrated mounting on process control valves
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 16 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Type 8692
16 | 17
Visit product website 
8.3. Ordering chart
Note:
All standard versions are UL-approved.
Circuit
function
Pilot valve
system
Communication
Electrical
connection
Analogue
feedback
0/4…20 mA
Analogue
feedback
0/4…20 mA
+ 2 digital
outputs
Diag-
nostic
func-
tion 1.)
Digital
input
Pilot air
ports
threaded
connection
Article no.
Standard
ATEX II Cat.
3G/ D,
IECEx,
CCC 2.)
Actuator series Type 23xx, actuator size Ø 70/90 mm
Low air
capacity
single-acting
Without
fieldbus
communication
Cable
gland
–
–
–
Yes
G ⅛
306913 
306982 
–
Yes
Yes
Yes
G ⅛
307005 
306983 
M12 plug
connector
–
–
–
Yes
G ⅛
307012 
307095 
–
Yes
Yes
Yes
G ⅛
307123 
307096 
PROFIBUS DP-V1
Via bus
–
–
–
G ⅛
233348 
265019 
EtherNet/IP
Via bus
–
Yes
–
G ⅛
306849 
306847 
PROFINET
Via bus
–
Yes
–
G ⅛
306854 
306851 
Modbus TCP
Via bus
–
Yes
–
G ⅛
306859 
306856 
Bürkert system
bus (büS)
Via bus
–
Yes
–
G ⅛
306863 
306861 
Low air
capacity
double-act-
ing
Without
fieldbus
communication
Cable
gland
–
–
–
Yes
G ⅛
306905 
306977 
–
Yes
Yes
Yes
G ⅛
307006 
306978 
M12 plug
connector
–
–
–
Yes
G ⅛
307124 
307091 
–
Yes
Yes
Yes
G ⅛
307125 
307092 
PROFIBUS DP-V1
Via bus
–
–
–
G ⅛
265172 
265004 
Actuator series Type 23xx, actuator size Ø 130/225 mm
High air
capacity
single-acting
Without
fieldbus
communication
Cable
gland
–
–
–
Yes
G ⅛
306922 
306986 
–
Yes
Yes
Yes
G ⅛
307007 
306987 
M12 plug
connector
–
–
–
Yes
G ⅛
307084 
307099 
–
Yes
Yes
Yes
G ⅛
307126 
307100 
PROFIBUS DP-V1
Via bus
–
–
–
G ⅛
233349 
265033 
EtherNet/IP
Via bus
–
Yes
–
G ⅛
306850 
306848 
PROFINET
Via bus
–
Yes
–
G ⅛
306855 
306853 
Modbus TCP
Via bus
–
Yes
–
G ⅛
306860 
306857 
Bürkert system
bus (büS)
Via bus
–
Yes
–
G ⅛
306864 
306862 
Actuator series Type 27xx, actuator size Ø 175/225 mm
High air
capacity
single-acting
Without
fieldbus
communication
Cable
gland
–
–
–
Yes
G ⅛
306925 
306988 
–
Yes
Yes
Yes
G ⅛
306927 
306989 
M12 plug
connector
–
–
–
Yes
G ⅛
307041 
307101 
–
Yes
Yes
Yes
G ⅛
307043 
307102 
PROFIBUS DP-V1
Via bus
–
–
–
G ⅛
233350 
265041 
EtherNet/IP
Via bus
–
Yes
–
G ⅛
313266 
313265 
PROFINET
Via bus
–
Yes
–
G ⅛
313269 
313268 
Modbus TCP
Via bus
–
Yes
–
G ⅛
313271 
313270 
Bürkert system
bus (büS)
Via bus
–
Yes
–
G ⅛
313274 
313272 
1.) See “Additional software options of the TopControl Type 8692 (extract)” on page 12
2.) CCC (China Compulsory Certificate) for device versions with Ex approval
Further versions on request
Additional
EtherNet/IP, PROFINET, Modbus TCP and Bürkert system bus (büS): double-acting versions with low air capacity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com