Electronic Components Datasheet Search
  English  ▼

X  

SE35 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # SE35
Description  Inline sensor-fitting with paddle wheel for flow measure-ment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

SE35 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  SE35 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Type S030
4 | 22
Visit product website 
1.
General technical data
Note:
In the range of sensor fittings, there are specific ones for the measurement of flow rates at high temperature and pressure. These are the
S030-HT models, which can only be used with the SE30 transmitter in the high temperature variant (SE30-HT).
Product properties
Material
Make sure the device materials are compatible with the fluid you are using.
Further information can be found in chapter “3.1. Bürkert resistApp” on page 7.
Further information on the materials can be found in chapter “3.2. Material specifications” on page 7.
Non wetted parts
Screw
Stainless steel (316L - 1.4404)
Wetted parts
Body, sensor armature
Stainless steel (316L - 1.4404), brass (CuZn
39Pb2), PVC, PP or PVDF (depending on the sensor fitting
variant Type S030)
Axis
Ceramics (Al
2O3)
Bearing
• Ceramics (Al
2O3)
• Iglidur® (only for Type S030-HT variant)
Paddle wheel
• PVDF
• Stainless steel (316L - 1.4404) (only for Type S030-HT variant)
• PP on request
Sensor-fitting body
Stainless steel (316L - 1.4404), brass (CuZn
39Pb2), PVC, PP or PVDF (depending on the sensor fitting
variant Type S030)
Seal
FKM or EPDM (depending on the sensor fitting variant Type S030)
Further information can be found in chapter “11.5. Ordering chart accessories” on page 21.
Compatibility
• Bürkert flow transmitter Type SE30, SE30 Ex, SE32, SE35, SE36, batch controller SE35 or 8611
Universal controller
• Bürkert flow transmitter Type SE30-HT (only for Type S030-HT variant)
Pipe diameter
DN 06…DN 65
Dimensions
Further information can be found in chapter “4. Dimensions” on page 8.
Measuring principle
Paddle wheel
Measuring range
Flow rate: 0.5…1200 l/min (0.13…317 gpm)
Performance data
Measurement deviation
• Teach-In (via a remote transmitter): ± 1 % of the measured value 1.) at teach flow rate value
• Standard K factor: ± 2.5 % of the measured value 1.)
Linearity
± 0.5 % of full scale 1.)
Repeatability
± 0.4 % of the measured value 1.)
Medium data
Fluid
Clean, neutral or slightly aggressive, solid-free liquids
Fluid temperature
For sensor-fitting in:
• PVC: 0…+ 50 °C (+ 32…+ 122 °F)
• PP: 0…+ 80 °C (+ 32…+ 176 °F)
• PVDF, stainless steel or brass: - 15…+ 100 °C (+ 5…+ 212 °F)
• stainless steel (Type S030-HT variant): - 15…+ 125 °C (+ 5…+ 257 °F)
Fluid pressure
For sensor-fitting in:
• plastic: max. PN 10
• metal: max. PN 16
• stainless steel (Type S030-HT variant):
– max. PN 40 (for - 15…+ 90 °C (+ 5…+ 194 °F) temperature range)
– max. PN 25 (for + 90…+ 125 °C (+ 194…+ 257 °F) temperature range)
Further information can be found in chapter “5.1. Pressure temperature diagram” on page 13.
Viscosity
Max. 300 cSt.
Rate of solid particles
Max. 1 %
Maximum particle size
0.5 mm
Flow velocity
• 0.3…10 m/s
• 0.5…10 m/s (only for Type S030-HT variant)
Further information can be found in chapter “6.2. Selection of the nominal diameter” on page 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com