Electronic Components Datasheet Search
  English  ▼

X  

SE35 Datasheet(PDF) 19 Page - Christian Bürkert GmbH & Co. KG

Part # SE35
Description  Inline sensor-fitting with paddle wheel for flow measure-ment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

SE35 Datasheet(HTML) 19 Page - Christian Bürkert GmbH & Co. KG

Back Button SE35 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Type S030
19 | 22
Visit product website 
11.4. Ordering chart
Metal sensor-fitting
Standard
Article no.
DN 06 1.)-
¼"
DN 06 1.)-
½"
DN 08 1.)-
½"
DN 15
DN 20
DN 25
DN 32
DN 40
DN 50
DN 65
Brass - with PVDF paddle wheel - Fluid temperature max. 100 °C, PN 16
FKM seal
Internal thread connection
G
–
–
–
423980  423981  423982  423983  423984  423985 
–
NPT
–
–
–
423986  423987  423988  423989  423990  423991 
–
Rc
–
–
–
423992  423993  423994  423995  423996  423997 
–
External thread connection
G
552557  552527  444023  423998  423999  424000  424001 
–
–
–
NPT
–
–
449182 
–
–
–
–
–
–
–
Rc
–
–
448668 
–
–
–
–
–
–
–
Stainless steel - with PVDF paddle wheel - Fluid temperature max. 100 °C, PN 16
FKM seal
Internal thread connection
G
–
–
–
424004  424005  424006  424007  424008  424009 
–
NPT
–
–
–
424010  424011  424012  424013  424014  424015 
–
Rc
–
–
–
424016  424017  424018  424019  424020  424021 
–
External thread connection
G
552733  552559  444029  424022  424023  424024  424025 
–
–
–
NPT
–
–
449050 
–
–
–
–
–
–
–
Rc
–
–
448669 
–
–
–
–
–
–
–
Weld end spigot connection
EN ISO 1127/
ISO 4200/
DIN 11866 series B
–
–
552845 
3.)
424028  424029  424030  424031  424032  424033 
–
Clamp connection
DIN 32676 series B
–
–
–
424034 
4.)
424035  424036  424037  424038  424039 
–
Flange connection
EN 1092-1/B1/PN 16
–
–
–
424040  424041  424042  424043  424044  424045 
–
ANSI B16- 5
–
–
–
424046  424047  424048  424049  424050  424051 
–
JIS 10K
–
–
–
430108  430109  430110  430111  430112  430113 
–
EPDM seal
External thread connection
SMS 1145
–
–
–
–
–
443306 
–
443307  443308 
–
Weld end spigot connection
SMS 3008
–
–
–
–
–
443298 
–
443299  443300  443374 
6.)
BS 4825-1/
ASME BPE/
DIN 11866 series C
–
–
–
–
443369 
5.)
443370  443371  443372  443373  443374 
DIN 11850 series 2/
DIN 11866 series A/
DIN EN 10357 series A
–
–
551788  551789  551790  551791 
–
551792  551793 
–
Clamp connection
SMS 3017
–
–
–
–
–
443302 
–
443303  443304  443399 
6.)
SMS 3017 2.)
–
–
–
–
–
443387 
–
443388  443389  443720 
6.)
BS 4825-3/
ASME BPE
–
–
–
–
443395 
5.)
443396 
–
443397  443398  443399 
BS 4825-3/
ASME BPE 2.)
–
–
–
–
443400  443717 
–
443718  443719  443720 
DIN 32676 series A
–
–
551794 
4.)
551795 
4.)
551796  551797 
–
551798  551799 
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com