Electronic Components Datasheet Search
  English  ▼

X  

SE35 Datasheet(PDF) 20 Page - Christian Bürkert GmbH & Co. KG

Part # SE35
Description  Inline sensor-fitting with paddle wheel for flow measure-ment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

SE35 Datasheet(HTML) 20 Page - Christian Bürkert GmbH & Co. KG

Back Button SE35 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Type S030
20 | 22
Visit product website 
Standard
Article no.
DN 06 1.)-
¼"
DN 06 1.)-
½"
DN 08 1.)-
½"
DN 15
DN 20
DN 25
DN 32
DN 40
DN 50
DN 65
Stainless steel - with PVDF paddle wheel - Fluid temperature max. 100 °C, PN 40
FKM seal
Internal thread connection
G
–
–
–
427138  425737  425729  427152  427153  427154 
–
1.) External thread
2.) Internal surface finish Ra < 0.8 µm
3.) EPDM seal
4.) Refer to clamp with D dimensions of 34 mm (see chapter “Clamp connection” on page 10)
5.) DN 20 (¾") only available in ASME BPE
6.) Refer to ASME BPE
Further variants on request
Process connection
External thread connection: Metric in mm
Plastic sensor-fitting
Standard
Article no.
DN 06 1.)-
¼"
DN 06 1.)-
½"
DN 08 1.)-
½"
DN 15
DN 20
DN 25
DN 32
DN 40
DN 50
DN 65
PVC - with PVDF paddle wheel - Fluid temperature max. 50 °C, PN 10
FKM seal
True union connection with nut and solvent socket
DIN 8063
–
–
444022  423938  423939  423940  423941  423942  423943 
–
ASTM D 1785/76
–
–
–
423950  423951  423952  423953  423954  423955 
–
JIS K
–
–
–
429072  429073  429074  429075  429076  429077 
–
External thread connection
G
–
552560  444025 
–
–
–
–
–
–
–
Solvent spigot connection
DIN 8063
–
–
–
423944  423945  423946  423947  423948  423949 
–
True union connection with nut and without socket
–
–
–
–
430734  430735  430736  430737  430738  430739 
–
EPDM seal
True union connection with nut and without socket
–
–
–
–
430740  430741  430742  430743  430744  430745 
–
PP - with PVDF paddle wheel - Fluid temperature max. 80 °C, PN 10
FKM seal
True union connection with nut and fusion socket
DIN 16962
–
–
–
423956  423957  423958  423959  423960  423961 
–
Fusion spigot connection
DIN 16962
–
–
–
423962  423963  423964  423965  423966  423967 
–
PVDF - with PVDF paddle wheel - Fluid temperature max. 100 °C, PN 10
FKM seal
True union connection with nut and fusion socket
ISO 10931
–
–
–
423968  423969  423970  423971  423972  423973 
–
External thread connection
ISO 10931
–
–
444028 
–
–
–
–
–
–
–
Fusion spigot connection
ISO 10931
–
–
–
423974  423975  423976  423977  423978  423979 
–
1.) External thread



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com