Electronic Components Datasheet Search
  English  ▼

X  

SE35 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # SE35
Description  Inline sensor-fitting with paddle wheel for flow measure-ment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

SE35 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  SE35 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Visit product website 
DATA SHEET
Type SE30
Transmitter for Inline
sensor-fitting
Type SE32
Transmitter for Inline
sensor-fitting
Type SE35
Transmitter or batch
controller for Inline
sensor-fitting
Type SE36
ELEMENT transmitter for
Inline sensor fitting
Type 8611
eCONTROL - Universal
controller
Standard | EU | en | 2024-01-15 | 24
Inline sensor-fitting with paddle wheel for flow measure-
ment
• DN 06 to DN 65
• Wide range of materials and type of process connections available to
ideally fit to the individual applications and process conditions
• Closed pipe system, sensor inside fitting
• Quarter-turn technology
• Transmitter available for indication, monitoring, transmitting, On/Off
control or batch control
The sensor-fitting Type S030 has a built-in paddle wheel to measure the flow rate
and is especially designed for use with neutral, slightly aggressive, solid free liq-
uids.
The compact sensor-fitting (Type S030) must be equipped with a Bürkert transmit-
ter (Type SE30, SE30 Ex, SE32, SE35, SE36 or 8611) quickly and easily connected
together by a bayonet catch. The Bürkert “Inline quarter-turn” technology is a con-
struction ensuring a leakage free operation.
The paddle wheel rotation (permanent magnets included in the blades) is detected
contactless by the sensitive element of the transmitter through the sensor-fitting
wall. The transmitter can be fitted and removed without opening the pipe or inter-
rupting the running process.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type S030
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - SE35

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
SE35 BURKERT-SE35 Datasheet
1Mb / 20P
Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
logo
Littelfuse
SE350 LITTELFUSE-SE350 Datasheet
656Kb / 3P
Gas Discharge Tubes
Revised: 12/12/17
logo
Seaward Electronics Inc...
SE3505 SEAWARD-SE3505 Datasheet
926Kb / 9P
1.9A Fixed Frequency White LED Driver
SE3505-LF SEAWARD-SE3505-LF Datasheet
926Kb / 9P
1.9A Fixed Frequency White LED Driver
SE3506 SEAWARD-SE3506 Datasheet
240Kb / 6P
White LED Step-Up Converter
More results

Similar Description - SE35

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22157 AD-AD22157 Datasheet
283Kb / 7P
Wheel Speed Sensor For ABS Systems
AD22157 AD-AD22157_15 Datasheet
845Kb / 7P
Wheel Speed Sensor For ABS Systems
REV. PrA
logo
Cynergy3 Co
FSV10AR CYNERGY3-FSV10AR Datasheet
597Kb / 2P
Inline Flow Switch for G1pipe
FSVPLC CYNERGY3-FSVPLC Datasheet
480Kb / 2P
Inline Flow Switch for connection to PLC
logo
TT Electronics.
DS1401 TTELEC-DS1401 Datasheet
451Kb / 2P
Platon Plastic Paddle Flow
DS1402 TTELEC-DS1402 Datasheet
452Kb / 1P
Paddle Flow Switches
DS1434 TTELEC-DS1434 Datasheet
327Kb / 2P
Paddle Liquid Flow Switch
DS1911 TTELEC-DS1911 Datasheet
298Kb / 1P
Paddle Wheel Flow Indicator
logo
Amphenol Corporation
GE-2102 AMPHENOL-GE-2102 Datasheet
324Kb / 4P
Inline Flow-Through Fluid Temperature Sensor
logo
E+E Elektronik Ges.m.b....
EE741 EPLUSE-EE741 Datasheet
1Mb / 12P
Inline Flow Sensor for Compressed Air and Gases
03-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com