Electronic Components Datasheet Search
  English  ▼

X  

SE35 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # SE35
Description  Inline sensor-fitting with paddle wheel for flow measure-ment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

SE35 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button SE35 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG SE35 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Type S030
7 | 22
Visit product website 
3.
Materials
3.1. Bürkert resistApp
Bürkert resistApp – Chemical resistance chart
You want to ensure the reliability and durability of the materials in your individual application
case? Verify your combination of media and materials on our website or in our resistApp.
Start chemical resistance check
3.2. Material specifications
Note:
The following picture describes the sensor-fitting with a process true union connection with nut and solvent/fusion socket, but this also
applies to all variants of process connection.
2
3
4
5
6
7
1
No. Element
Material
1
Sensor armature
Stainless steel
2
Screws
Stainless steel
3
Axis and bearings
• Axis in ceramics (Al
2O3)
• Bearings in:
– ceramics (Al
2O3)
– Iglidur® (only for Type S030-HT variant)
4
Paddle wheel
• PVDF
• Stainless steel (only for Type S030-HT variant)
5
Seal
FKM or EPDM (depending on Type S030 variant)
6
Sensor-fitting body
• Stainless steel (316L - 1.4404), brass (CuZn
39Pb2), PVC, PP, PVDF (depending on the sensor-fitting
variant Type S030)
• Stainless steel (316L - 1.4404) (only for Type S030-HT)
7
Seals
FKM or EPDM (depending on the sensor-fitting variant Type S030 and only for true union connection
with nut and solvent/fusion socket)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com