Electronic Components Datasheet Search
  English  ▼

X  

6213 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 6213
Description  Pressure measuring device / Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6213 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  6213 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Type 8311
3 | 14
Visit product website 
1.
General technical data
Product properties
Material
Please make sure the device materials are compatible with the fluid you are using.
Detailed information can be found in chapter “3.1. Chemical Resistance Chart – Bürkert resistApp” on page 5.
Non wetted parts
Housing, cover
PC, + 20 % glass fibre
Cover seal
Silicone
Front panel foil
Polyester
Seal
FKM (EPDM on request)
Screws
Stainless steel
Plug
• Female cable plug/male fixed plug in PA (body, contact holder and cable gland) with electrical
contact in Sn and cable gland seal and flat seal in NBR
• Swivel 5-pins M12 male fixed plug in PA with electrical contact in brass, gold-plated
Flat seal
NBR
Wetted parts
Process connection
Stainless steel 1.4404 (316L)
Measurement element
Stainless steel 1.4404 (316L)
Seal
FKM (EPDM on request)
Dimensions
Detailed information can be found in chapter “4. Dimensions” on page 6.
Compatibility
Any pipe with a ½" threaded sensor connection piece (G, NPT or Rc)
Measurement technology
Piezo-resistive
Measured variable
Relative pressure
Sensor element
Ceramic cell (Al
2O3)
Measuring range
0…1, 2, 5, 10, 20 or 50 bar (0…14, 29, 73, 145, 290 or 725 PSI)
Detailed information can be found in chapter “6.3. Ordering chart” on page 10.
Weight
200 g…350 g according to the version
Performance data
Measurement deviation
• Transmitter 2-wire version:
– for - 20 °C < T
fluid < 0 °C: ≤± 1 % ± 0.03 % of full scale / °C
– for 0 °C < T
fluid < 70 °C: ≤ ± 1 % of full scale
– for 70 °C < T
fluid < 100 °C: ≤± 1 % ± 0.03 % of full scale / °C
• Switch version: ≤ ± 1.5 % of full scale
Repeatability
• Transmitter 2-wire version: ≤ ± 0.06 % (typical)
• Switch version: ≤ ± 0.25 % (typical)
Measuring range resolution
Transmitter 2-wire version with a:
• 0…1 bar cell: 0.5 mbar
• 0…2 bar cell: 1.33 mbar
• 0…5 bar cell: 3.33 mbar
• 0…10 bar cell: 5 mbar
• 0…20 bar cell: 10 mbar
• 0…50 bar cell: 25 mbar
Overload / bursting pressure
• 0…1 bar cell: 2 bar (29 PSI) / 4 bar (58 PSI)
• 0…2 bar cell: 4 bar (58 PSI) / 7 bar (101 PSI)
• 0…5 bar cell: 10 bar (145 PSI) / 12 bar (174 PSI)
• 0…10 bar cell: 20 bar (290 PSI) / 25 bar (362 PSI)
• 0…20 bar cell: 40 bar (580 PSI) / 50 bar (725 PSI)
• 0…50 bar cell: 100 bar (1450 PSI) / 120 bar (1740 PSI)
Service life of pressure cell
Min. 100 million cycles
Electrical data
Operating voltage
12…30 V DC, filtered and regulated
Power source (not supplied)
The auxiliary energy of the pressure sensor must meet SELV requirements; optionally, an ener-
gy-limited current circuit according to section 9.3 of DIN EN 61010-1 and UL 61010-1 can be
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com