Electronic Components Datasheet Search
  English  ▼

X  

6213 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 6213
Description  Pressure measuring device / Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6213 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 6213 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Type 8311
9 | 14
Visit product website 
Operating levels
The device has 3 operating levels:
• the Normal level
• the Calibration level
• the Test level
Operating level
Functions
Normal
• Indication of
– for the transmitter version
- the value of the measured pressure
- the value of the 4…20 mA output
- the min. and max. pressures reached in the process since the last reset.
– for the switch version
- the value of the measured pressure
- the high and low threshold values
• Reset the min. and max. process pressure values (transmitter version)
• Access to the Calibration and Test level
Calibration
To make the settings needed for operation:
• pressure units (International measuring units)
• switching mode of the output
• switching thresholds (low and high)
• delay before switching
• filter (damping)
• 10-segment bargraph (min. and max. values)
and
• for the transmitter version
– 4…20-mA-current output
– behaviour of transistors, current outputs if the pressure is outside the measuring range and/or when
an error is displayed
– access code for Calibration and Test level
• for the switch version
– switch zero point at nil pressure
– K-factor/Teach-In function
Test
• To check the switching thresholds after entering a theoretical pressure value
• and for the transmitter version
– access to zero point, K-factor and current output adjustments
– reset of the Calibration and/or Test levels to default parameters
Function modes
Note:
• Two switching modes for the output, either hysteresis or window, inverted or not
• The change of state occurs when a threshold is detected
OLO
OHI
OLO
OHI
Contact
inverted
not inverted
Contact
Hysteresis mode
OLO
OHI
OLO
OHI
Contact
inverted
not inverted
Contact
Window mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com