Electronic Components Datasheet Search
  English  ▼

X  

6213 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 6213
Description  Pressure measuring device / Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6213 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  6213 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Type 8311
4 | 14
Visit product website 
Current consumption
• Transmitter 2-wire version: < 30 mA (+ 700 mA max. per transistor output used)
• Switch version: ≤ 80 mA, no load
DC reverse polarity protection
Yes, for power supply and all outputs
Overvoltage protection
Yes, for power supply and for transistor outputs
Outputs
• Transmitter 2-wire version:
– Transistor (programmable):
2 NPN or 2 PNP, can be modified by means of straps, open collector, max. 700 mA,
NPN: (V+) minus 0.5 V DC / 0 V DC
PNP: 0.5 V DC / (V+)
protected against short circuit
– Process value:
4…20 mA,
response time (10…90 %): 300 ms with filter 0 (default setting)
max. loop resistance: 800 Ω at 30 V DC, 550 Ω at 24 V DC, 300 Ω at 18 V DC
(for more details, see instruction manual Type 8311 )
• Switch version:
– Transistor (programmable):
NPN or PNP, max. 700 mA,
NPN: 0.2…30 V DC
PNP: (V+)
protected against short circuit
– Optional relay (programmable):
Normally open/normally closed
3 A / 250 V AC or 3 A / 30 V DC
Voltage supply cable
• Shielded
• Max. 50 m length
• Cross section of wires: 0.25…0.5 mm2
Medium data
Fluid
Liquid and gaseous medium
Fluid temperature
- 20…100 °C (- 4…+ 212 °F)
(+ 100 °C (+ 212 °F) for an ambient temperature of max. 40 °C(+ 104 °F))
Process/Port connection & communication
Process connection
G, NPT, Rc ½" screw-in thread
Electrical connection
• Cable plug according to EN 17530–803 (provided)
• Swivel 5 pin M12 male fixed connector for female 5 pin M12 cable plug (not provided, to be
ordered separately. Detailed information can be found in chapter “6.4. Ordering chart acces-
sories” on page 13.)
Approvals and certificates
Standards
Degree of protection according
to IEC/EN 60529
IP65 under the following conditions:
• connector being plugged-in and tightened and
• with an EN 175301-803 connector: device wired with a cable with a diameter of 6…7 mm
Directives
CE directives
The applied standards, which verify conformity with the EU Directives, can be found on the EU
Type Examination Certificate and/or the EU Declaration of conformity (if applicable).
Pressure Equipment Directive
Complying with Article 4, Paragraph 1 of 2014/68/EU directive
Detailed information on the pressure equipment directive can be found in chapter “2.1. Pressure
Equipment Directive” on page 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com