Electronic Components Datasheet Search
  English  ▼

X  

6213 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 6213
Description  Pressure measuring device / Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6213 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 6213 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Type 8311
6 | 14
Visit product website 
3.2. Material specifications
1
2
4
6
11
7
13
8
5
9
10
12
3
14
No. Element
Material
1
Front panel folio
Polyester
2
Screws
Stainless steel
3
Cover seal
Silicone
4
Cover
PC, glass fibre reinforced
5
Housing
PC, glass fibre reinforced
6
M12 male fixed plug
PA with electrical contact in
brass, gold-plated
7
Male fixed plug
(EN 175301-803
PA
8
Electrical contact
Sn
9
Screw
Stainless steel
10 Flat seal
NBR
11 Seal
FKM (EPDM on request)
12 Process connection
Stainless steel 316L (1.4404)
13 Measurement element
Stainless steel 316L (1.4404)
14 Female cable plug
(EN 175301-803)
• Body, contact holder and
cable gland in PA
• Cable gland seal and flat
seal in NBR
4.
Dimensions
4.1. Transmitter with a EN 175301‑803 female cable plug
Note:
Dimensions in mm
54
G ½" - NPT ½" - Rc ½"
AF 27
47
Cable plug
EN 175301-803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com