Electronic Components Datasheet Search
  English  ▼

X  

6213 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 6213
Description  Pressure measuring device / Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6213 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 6213 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 6213 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Type 8311
10 | 14
Visit product website 
6.
Ordering information
6.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
6.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
6.3. Ordering chart
Transmitter version
Operating
voltage
Nominal
pressure range
Pressure
max.
Burst
pressure
Output signal
Electrical connection
Article no.
[bar]
[bar]
[bar]
Sensor connection G ½"
12…30 V DC 0…1
2
4
4…20 mA + 2 NPN or 2 PNP1.) Swivel 5 pin M12 male
fixed connector
557934 
4…20 mA
Female cable plug
EN 175301-803
550350 
0…2
4
7
4…20 mA + 2 NPN or 2 PNP1.) Swivel 5 pin M12 male
fixed connector
444507 
4…20 mA
Female cable plug
EN 175301-803
444635 
0…5
10
12
4…20 mA + 2 NPN or 2 PNP1.) Swivel 5 pin M12 male
fixed connector
444506 
4…20 mA
Female cable plug
EN 175301-803
444636 
0…10
20
25
4…20 mA + 2 NPN or 2 PNP1.) Swivel 5 pin M12 male
fixed connector
444503 
4…20 mA
Female cable plug
EN 175301-803
550338 
0…20
40
50
4…20 mA + 2 NPN or 2 PNP1.) Swivel 5 pin M12 male
fixed connector
444504 
4…20 mA
Female cable plug
EN 175301-803
550339 
0…50
100
20
4…20 mA + 2 NPN or 2 PNP1.) Swivel 5 pin M12 male
fixed connector
444505 
4…20 mA
Female cable plug
EN 175301-803
444637 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com