Electronic Components Datasheet Search
  English  ▼

X  

8685 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8685
Description  Control- and feedback head for integrated mounting on Robolux valves Type 2036
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8685 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8685 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Type 8685
3 | 15
Visit product website 
1.
General technical data
1.1. Control and feedback head Type 8685 and Type 8686
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 7.
Material
Body
PPS, stainless steel
Seal
EPDM
Cover
PC
Communication
Fieldbus
AS-Interface
Performance data
Position sensor
Stroke range for linear actuator
Valve spindle
RV50 = 6.0 mm, RV70 = 9.5 mm, RV110 = 13.5 mm
Position feedback
Reed sensors (contactless)
Electrical data
Operating voltage
Pilot valve
24 V DC ± 10 %
Maximum input voltage 1.)
For Ex i variant: see “1.5. Ex i version Type 8685 and Type 8686” on page 5
Residual ripple
10 %
Power consumption
0.8 W every valve
Limit switches
24 V DC ± 10 %
8.2 V DC (Ex i-NAMUR switch amplifier)
Ui < 12 V, Ii < 20 mA, Pi < 60 mW (Ex barrier)
Protection class
III according to VDE 0580
Electrical connection
Multipole version
M12 (8-pin), M12 (4-pin) with 1 m cable (AS-Interface)
Cable gland version
M16 × 1.5 (cable Ø 6.5 mm), screw terminals (1.0 mm2)
Pneumatic data
Control medium
Neutral gases, air, quality class according to ISO 8573 - 1
Dust content
Class 5 (< 40 µm particle size)
Particle density
Class 5 (< 10 mg/m3)
Pressure dew point
Class 3 (<- 20 °C)
Oil content
Class 5 (< 25 mg/m3)
Air supply filter
Exchangeable
Mesh size
~0.1 mm
Supply pressure
3…7 bar 2.)
Pilot air ports
Threaded connection G ⅛
Approvals and conformities
Further information can be found in chapter “2. Approvals and conformities” on page 5.
Environment and installation
Operating conditions
Ambient temperature
0…+ 55 °C
Degree of protection
IP65/67 according to EN 60529
Installation and mechanical data
Installation position
As required, preferably with actuator in upright position
Adapter kits
Further information can be found in chapter “Adapter kits” on page 15.
1.) Valve supply:
Maximum input power Pi = 1.1 mW
Maximum input voltage and maximum input current according to the following table
Ui [V]
15
18
20
22
25
28
30
35
Ii [mA] 900 440 309 224 158 120 101 73
Internal capacity and inductance negligible
2.) The existing supply pressure must be 0.5…1 bar above the minimum required pilot pressure of the valve actuator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com