Electronic Components Datasheet Search
  English  ▼

X  

8685 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8685
Description  Control- and feedback head for integrated mounting on Robolux valves Type 2036
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8685 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8685 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Type 8685
10 | 15
Visit product website 
5.
Device/Process connections
5.1. Electrical connections
Without fieldbus communication 24 V DC: Type 8685
Cable gland
Top1
Top2
Bot1
Bot2
24 V GND
Description on circuit board Description
24 V
Operating voltage + (24 V DC)
GND
Operating voltage – (GND)
Top 1
End positions above, Top actuator 1
Bot 1
End positions below, Bot actuator 1
Top 2
End positions above, Top actuator 2
Bot 2
End positions below, Bot actuator 2
Ex i (NAMUR): cable gland
Bot1 +
Top1 -
Bot1 -
Top1 +
Top2 +
Top2 -
Bot2 +
Bot2 -
Description on circuit board
Description
Top 1 +
End positions above + actuator 1
Top 1 –
End positions above – actuator 1
Bot 1 +
End positions below + actuator 1
Bot 1 –
End positions below – actuator 1
Top 2 +
End positions above + actuator 2
Top 2 –
End positions above – actuator 2
Bot 2 +
End positions below + actuator 2
Bot 2 –
End positions below – actuator 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com