| Electronic Components Datasheet Search |
|
8685 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8685 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG |
|
1 / 15 page ![]() Visit product website DATA SHEET Type 2036 Robolux multiway multiport diaphragm valve, pneumatically operated Standard | EU | en | 2023 - 11 - 07 | 04 Control- and feedback head for integrated mounting on Robolux valves Type 2036 • Compact design • Contactless valve position registration • Coloured illuminated status display • Fieldbus AS-Interface (optional) • With ATEX II cat. 2G approval Feedback Type 8685 and control head Type 8686 are optimized for integrated mounting on pneumatically operated actuators Type 2036 Robolux. The adjust- ment to the individual actuator size is done through DIP-switches. As compact units the devices contain the complete automation functionality of both individually operated actuator pistons. Depending on the configuration, electrical and visual position feedback is done by non-contact switches and LEDs, integrated pilot valves control the actuator pistons and AS-interface communica- tion is available. In this way a complete concept for decentralized automation is feasible. The compact body is especially distinguished by its hygienic design, materials being chemically resistant against cleaning media and a proven IP protection. In addition the Control Head Type 8686 features an integrated compressed air filter to protect the pilot valve function against particles through the compressed air supply. Product variants described in the data sheet may differ from the product presentation and description. Type description Can be combined with Type 8685/8686 © Christian Bürkert GmbH & Co. KG, Subject to alteration |
Similar Part No. - 8685 |
|
Similar Description - 8685 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |