Electronic Components Datasheet Search
  English  ▼

X  

8685 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8685
Description  Control- and feedback head for integrated mounting on Robolux valves Type 2036
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8685 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8685 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Type 8685
4 | 15
Visit product website 
1.2. Without fieldbus communication: 24 V DC
Electrical data
Operating voltage
24 V DC
Residual ripple
10 %
Power consumption
< 2 W
Voltage tolerance
± 10 %
Output
Max. 100 mA per output, short-circuit protected
Electrical connection
Multipole
M12 (8-pin)
Cable gland
M12 × 1.5 (cable Ø 6.5 mm), screw terminals (1.0 mm2 / maximum port cross-section 0.25 mm2)
1.3. With fieldbus communication: AS-Interface Type 8685
Product properties
Profile
S-0.A.E (AB slave, max. 62 slaves/master)
Electrical data
Operating voltage
29.5…31.6 V DC
Via bus cable
According to specification
Separated from bus signal
On request
Maximum current consumption
(2 terminal position reached)
35 mA
Electrical connection
M12, 4-pin with 1 m cable on flat cable clip
Programming data
See operating manual Type 8685 
1.4. With fieldbus communication: AS-Interface Type 8686
Product properties
Profile
S- 7.A.E (AB slave, max. 62 slaves/master)
Electrical data
Operating voltage
29.5…31.6 V DC
Via bus cable
According to specification
Separated from bus signal
On request
Maximum current consumption
(2 valves activated and
2 position feedback active)
120 mA
Outputs
Contact rating
≤ 2 × 0.8 W (above AS-Interface)
Watchdog function
Integrated
Inputs
Sensor operating voltage
24 V ± 10 % (above AS-Interface)
Current carrying capacity
≤ 50 mA short circuit protected
Switching level High
≥ 10 V
Input current High
≤ 1.5 mA
Input current Low
≤ 0.1 mA
Electrical connection
M12, 4-pin with 1 m cable on flat cable clip
Programming data
See operating manual Type 8686 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com