Electronic Components Datasheet Search
  English  ▼

X  

8685 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 8685
Description  Control- and feedback head for integrated mounting on Robolux valves Type 2036
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8685 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 8685 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Type 8685
6 | 15
Visit product website 
3.
Materials
3.1. Material specifications
Type 8685
1
2
3
4
5
No.
Element
Material
1
Cover
PC
2
Seal
EPDM
3
Basic housing
PPS
4
Screws
Stainless steel
5
Cable gland
PA
Type 8686
1
7
6
3
5
4
2
8
No.
Element
Material
1
Cover
PC
2
Outer casing
EPDM
3
Screws
Stainless steel
4
Threaded ports G ⅛
Stainless steel
5
Basic housing
PPS
6
Seal
EPDM
7
Plug connector M12
Nickel-plated brass
8
Dummy plug
PA
Type 8686 Ex i (NAMUR)
1
3
5
4
2
6
7
8
No.
Element
Material
1
Cover
PC
2
Outer casing
EPDM
3
Screws
Stainless steel
4
Threaded ports G ⅛
Stainless steel
5
Basic housing
PPS
6
Seal
EPDM
7
Cable connection
PA
8
Dummy plug
PA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com