Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner for integrated mounting on process control valves
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  2103 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Type 8694
4 | 15
Visit product website 
Positioning system
Low air capacity
Single-acting
7 l
N/min for aeration and ventilation
(Q
Nn value according to definition at pressure drop from 7 to 6 bar abs)
Actuator series/size
Type 23xx, actuator Ø 70/90 mm
High air capacity
Single-acting
130 l
N/min for aeration and ventilation
(Q
Nnvalue according to definition at pressure drop from 7 to 6 bar abs)
Actuator series/size
Type 23xx, actuator Ø 130/225 mm
Type 27xx, actuator Ø 175/225 mm
Approvals and conformities
Explosion protection
Ignition protection class
II 3D Ex tc IIIC T135 °C Dc
II 3G Ex ec IIC T4 Gc
ATEX
BVS 14 ATEX E 008 X
II 3D Ex tc IIIC T135 °C Dc
II 3G Ex ec IIC T4 Gc
IECEx
IECEx BVS 14.0009 X
Ex tc IIIC T135 °C Dc
Ex ec IIC T4 Gc
Further information can be found in chapter “2.4. Explosion protection” on page 7.
North America (USA/Canada)
UL Listed for the USA and Canada
cULus certificate: E238179
Further information can be found in chapter “2.5. North America (USA/Canada)” on page 7.
FM Explosion Protection
Increased Safety for Class I, Zone 2, AEx ec IIC T4 Gc hazardous (classified) locations, indoors
and outdoors (IP54). Alternatively marked as Class I Division 2 Groups A, B, C, and D; T4.
Further information can be found in chapter “2.5. North America (USA/Canada)” on page 7.
Others
China Compulsory Certification (CCC)
The products with Ex approval are suitable for import and use for hazardous applications in
China. Further information can be found in chapter “2.6. Others” on page 7.
Further information can be found in chapter “2. Approvals and conformities” on page 7.
Environment and installation
Operating conditions
Ambient temperature
- 10…+ 60 °C
Degree of protection
IP65/IP67 according to EN 60529, 4X according to NEMA 250 standard
Operating altitude
Up to 2000 m above sea level
Installation and mechanical data
Mounting variants
Direct mounting
Installation position
As required, preferably with actuator in upright position
Valve actuator (type, size)
ELEMENT Type 23xx, actuator Ø 70/90/130/225 mm
CLASSIC Type 27xx, actuator Ø 175/225 mm
Adapter kit
Further information can be found in chapter “Adapter kits” on page 15.
1.) The supply pressure applied must be 0.5 to 1 bar above the minimum required pilot pressure of the valve actuator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com