Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner for integrated mounting on process control valves
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  2103 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Type 8694
5 | 15
Visit product website 
1.2. Without fieldbus communication: 24 V DC
Electrical data
Operating voltage
24 V DC ± 25 %
UL: NEC Class 2
Residual ripple
10 %
Power consumption
< 3.5 W
Protection class
III according to DIN EN 61140
Electrical connection
Multipole version
M12, 8-pin
Cable gland version
M16 x 1.5 (cable Ø 5…10 mm) with terminals for cable cross-sections 0.14…1.5 mm²
Input/Output
Digital input
1 digital input 0…5 V = log “0”, 10…30 V = log “1”
Analogue output
1 output (optional)
0/4…20 mA
Input data setpoint
Setpoint signal
Default setpoint value setting
4…20 mA
0…20 mA (configurable via communication interface)
Input resistance
75 Ω
1.3. With fieldbus communication: AS-Interface
Product properties
Profile
S- 7.3.4 output: 16 Bit setpoint/certificate no. 87301 according to specification V3.0
S- 7.A.5 output: 16 Bit setpoint; input: 16 Bit setpoint/certificate no. 95401 according to
specification V3.0
Electrical data
Operating voltage
Via Bus cable
Via ASi power supply 29.5…31.6 V DC (according to specification), UL: NEC Class 2
Protection class
III according to DIN EN 61140
Power consumption
Maximum current consumption
150 mA
Electrical connection
M12, 4-pin stainless steel plug, optionally with 80 cm cable
Unit with additional actuator supply
(AUX Power)
External power supply 24 V DC ± 10 % (the power supply unit must contain a safe isolation
according to IEC 364 - 4 - 41 (PELV or SELV))
System supply
Max. 150 mA without additional actuator supply (AUX Power)
Max. 50 mA with additional actuator supply
Actuator supply
Max. 50 mA with additional actuator supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com