Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner for integrated mounting on process control valves
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2103 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Visit product website 
DATA SHEET
Type 2300
Pneumatically operated
2-way angle seat control
valve ELEMENT
Type 2301
Pneumatically operated
2-way Globe Control
Valve
Type 2103
2/2-way diaphragm valve
with pneumatic stainless
steel actuator (Type ELE-
MENT) for decentralised
automation
Standard | EU | en | 2024 - 03 - 06 | 19
Digital electropneumatic positioner for integrated mounting
on process control valves
• Compact and robust stainless steel design
• Start-up with automatic TUNE function
• Contact-free position sensor
• Integrated pilot air duct in the actuator
• AS interface, IO-Link or Bürkert system bus (büS)
Compact positioner for integrated mounting on pneumatically controlled process
control valves. The set-point value setting default occurs via standard signal
4 - 20 mA and/or via AS interface. A sensor element with contactless function
records the valve spindle position. Simple start-up via automatic TUNE function
and setting with the aid of DIP switch:
• Sealing threshold
• Characteristic selection
• Inversion of direction
• Manual/automatic operating state switchover
• Digital input
Additional options available for parametrising using device DTM. A software inter-
face can be used for the linearisation of the operating characteristic with the aid of
a freely programmable characteristic, amongst other things. The status indicator
functions using LEDs. An analogue position feedback can be optionally integrated.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8694
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2103

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2103 POMONA-2103 Datasheet
22Kb / 1P
Phenolic Box With Cover
logo
XFMRS Inc.
2103 XFMRS-2103 Datasheet
440Kb / 6P
HIGH SPEED COMBO MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
logo
Festo Corporation.
2103 FESTO-2103 Datasheet
76Kb / 1P
One-way flow control valve
logo
New Japan Radio
2103 NJRC-2103 Datasheet
291Kb / 9P
SYSTEM RESET IC
logo
Heyco.
2103 HEYCO-2103 Datasheet
133Kb / 1P
Snap Bushings
More results

Similar Description - 2103

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M64611FP RENESAS-M64611FP Datasheet
88Kb / 7P
DIGITAL SERVO MOTOR CONTROL FOR RADIO CONTROL
Rev.1.00 Aug.26.2003
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
4019-A ETC2-4019-A Datasheet
147Kb / 4P
VALVES TRIODES
logo
ASM GmbH
PD-INC-24VDC-G24V ASM-SENSOR-PD-INC-24VDC-G24V Datasheet
107Kb / 4P
Digital Process Meter for Incremental Sensors
logo
Intersil Corporation
ISL78307 INTERSIL-ISL78307 Datasheet
4Mb / 20P
Intersil?셲 Solutions for Industrial Process Control
logo
Tyco Electronics
2-1423162-4 MACOM-2-1423162-4 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
logo
Sanken electric
LC5565LD SANKEN-LC5565LD Datasheet
297Kb / 10P
Integrated on-time control circuit
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
Process Control
logo
PHOENIX CONTACT
SF-Z0002 PHOENIX-SF-Z0002 Datasheet
43Kb / 2P
Crimp head positioner
logo
Cynergy3 Co
SOL1A1 CYNERGY3-SOL1A1 Datasheet
176Kb / 2P
Industrial Solenoid Valves
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com