Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner for integrated mounting on process control valves
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Type 8694
6 | 15
Visit product website 
1.4. With digital communication: IO-Link
Electrical data
Electrical connection
M12 × 1, 5-pin, A-coded
IO-Link specification
1.1
SIO-Mode
No
VendorID
0x0078, 120
DeviceID
See IODD file (The IODD file can be downloaded from our website Type 8694 , see Software >
Device Description Files)
Transmission rate
230.4 kbit/s (COM 3)
Data storage
Yes
Cable length
Max. 20 m
Port Class
A and B
Power supply
Via IO-Link
Port Class A
Operating voltage
24 V DC ± 25 % (according to specification)
Current consumption
Max. 150 mA
Port Class B
Operating voltage
System supply (Pin 1 + 3)
24 V DC ± 25 % (according to specification)
Actuator supply (Pin 2 + 5)
24 V DC ± 25 % (according to specification)
Current consumption
System supply (Pin 1 + 3)
Max. 50 mA
Actuator supply (Pin 2 + 5)
Max. 100 mA
Total power consumption overall
Max. 3.5 W
1.5. With digital communication: Bürkert system bus (büS)
Electrical data
Operating voltage
18…30 V DC (according to specification)
Electrical connection
M12 × 1, 5-pin, A-coded
Current consumption
Max. 150 mA
Total power consumption overall
Max. 3.5 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com