Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner for integrated mounting on process control valves
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Type 8694
11 | 15
Visit product website 
6.
Performance specifications
6.1. Signal flow diagram
Position control loop
Position
setpoint
CMD
POS
Positioner
Pilot valve
system
Position sensor system
Position control loop
Valve
opening
Control valve
-
+
Xd1
B1
P
K
Z1
E1
Additional software options of the TopControl BASIC positioner Type 8694 (extract)
• X.Tune function for automatic start-up
• Linear characteristic
• Close-tight function
• Reversal of the operating direction of the setpoint signal
• Switching between manual and automatic mode
• Digital input
• Parameterisation of device through PACTware/DTM main functions
• Device operation via service büS interface and communicator
• Setpoint value selection (0/4…20 mA)
• Position controller parametrisation
• Programmable stroke range limit
• Limitation of opening/closing time
• Safety position definition
• Signal error detection
• Digital input configuration
• Analogue output configuration position setpoint/feedback
• Setting setpoint/actuator direction (rise/fall)
• Resetting the device to factory settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com