Electronic Components Datasheet Search
  English  ▼

X  

IPA Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # IPA
Description  MAGNETIC CIRCUIT PROTECTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

IPA Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  IPA Datasheet HTML 1Page - Sensata Technologies, Inc. IPA Datasheet HTML 2Page - Sensata Technologies, Inc. IPA Datasheet HTML 3Page - Sensata Technologies, Inc. IPA Datasheet HTML 4Page - Sensata Technologies, Inc. IPA Datasheet HTML 5Page - Sensata Technologies, Inc. IPA Datasheet HTML 6Page - Sensata Technologies, Inc. IPA Datasheet HTML 7Page - Sensata Technologies, Inc. IPA Datasheet HTML 8Page - Sensata Technologies, Inc. IPA Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Page 3
www.sensata.com
Copyright © 2020 Sensata Technologies, Inc.
MULTI-POLE CIRCUIT PROTECTORS
Two Pole Protectors
An assembly consisting of two single pole units, having their trip mechanisms internally coupled and with a single toggle handle, forms the IPA-11
with quick-connect D.I.N.-style terminals.
Individual poles may differ in ratings, delays and internal connections. An auxiliary switch may be included in either or both poles, allowing you to mix
SELV and hazardous voltages. Rugged screw-type terminals can be provided, in which case the designation would be IPA-66. The IPAH offers a toggle
handle for each pole.
Three Pole Protectors
The three pole construction consists of three single pole units assembled with an internal mechanical interlock which actuates all units simultaneously.
A single toggle handle operates all three poles for quick and convenient control, or if preferred, a handle per pole is available. The individual poles need
not have identical characteristics and any series trip pole may have an auxiliary switch. If screw-type terminals are required, the breaker designation
will be IPA-666 for a three pole version.
Breaker poles are numbered consecutively when viewed from the terminal side, with the ON position up, starting with Pole #1 on the left side and
proceeding to the right.
Handles
The IPAH two and three pole models are available with a handle per pole.
1.295 MAX.
[32.89]
O
N
O
F
F
1.935 MAX.
[49.15]
O
N
O
F
F
Two Pole Protectors
(one handle)
IPA/CPA
Three Pole Protectors
(one handle)
(Optional: Handle may be
located in Pole 1 instead of
Pole 2)
.630
[16.00]
.630
[16.00]
.630
[16.00]
0.551
Mounting Details
Two PoleT
hree Pole
0.551
Note: Tolerance ± .015 [.38]
unless noted. Dimensions in Brackets [ ] are millimeters.
1.295 MAX.
[32.89]
O
N
O
F
F
1.935 MAX.
[49.15]
O
N
O
F
F
Two Pole Protectors
(one handle)
IPA/CPA
Three Pole Protectors
(one handle)
(Optional: Handle may be
located in Pole 1 instead of
Pole 2)
.630
[16.00]
.630
[16.00]
.630
[16.00]
0.551
Mounting Details
Two PoleT
hree Pole
0.551



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com