Electronic Components Datasheet Search
  English  ▼

X  

IPA Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # IPA
Description  MAGNETIC CIRCUIT PROTECTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

IPA Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  IPA Datasheet HTML 1Page - Sensata Technologies, Inc. IPA Datasheet HTML 2Page - Sensata Technologies, Inc. IPA Datasheet HTML 3Page - Sensata Technologies, Inc. IPA Datasheet HTML 4Page - Sensata Technologies, Inc. IPA Datasheet HTML 5Page - Sensata Technologies, Inc. IPA Datasheet HTML 6Page - Sensata Technologies, Inc. IPA Datasheet HTML 7Page - Sensata Technologies, Inc. IPA Datasheet HTML 8Page - Sensata Technologies, Inc. IPA Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1
www.sensata.com
Copyright © 2020 Sensata Technologies, Inc.
| IPA/CPA SERIES
MAGNETIC CIRCUIT PROTECTORS
Introduction
The Airpax™ IPA/CPA hydraulic-magnetic circuit protectors provide low-cost power switching, reliable circuit protection and accurate circuit control for
equipment in the international marketplace.
IPA models meet IEC spacing requirements that are mandatory for equipment which must comply with IEC specifications 601 and 950 and VDE
specifications 0804 and 0805. In addition, they are UL Recognized as supplementary protectors per UL STD.
1077, CSA Certified as supplementary protectors per CSA C 22.2- No. 235, TUV Approved to VDE 0642 (EN60934), CCC Approved (pending) and CE
Compliant.
Designed using the latest in sensitive hydraulic magnetic technology, the
IPA line adapts itself to many applications and environments. They’re ideal
for data processing and business machines, medical instrumentation,
broadcast equipment, vending and amusement machines, military
applications and wherever precision operation is required. Temperature
differences which affect fuses and other thermal devices are not a concern.
One important feature of this protector line is a “trip free” action, which
means the circuit will trip in the presence of an overload even though the
handle is held in the ON position. The delay mechanism senses the fault
and the contacts open.
The IPA is available in configurations including series and series with
auxiliary switch, with a choice of delays and ratings in either DC, 50/60Hz
or 400Hz versions. Single or multi-pole versions are available, with a variety
of pole arrangements to meet your specifications.
SPECIFICATIONS
Trip Free
Will trip open on overload, even when the handle is forcibly held on or restrained. This prevents operator from damaging the circuit by holding the handle
in the ON position.
Trip Indication
The operating handle moves positively to the OFF position.
Ambient Operation
IPA protectors operate in temperatures between –40°C and +85°C.
Insulation Resistance
Not less than 100 megohms at 500 volts DC.
Dielectric Strength
IPA protectors withstand 3000Vac, 60Hz for 60 seconds between all electrically isolated terminals except auxiliary switch terminals shall withstand 500Vac,
60Hz for REG and REC types.
Endurance
Operating as a switch, the operating life exceeds 10,000 operations, at rated current, at a rate of 6 per minute.
Electrical Characteristics
IPA protectors are rated .050 to 30 amperes 65Vdc; .050 to 30 amperes 240 Vac 50/60Hz; 0.050 to 15 amperes 250Vac, 400Hz.
Poles
One through three poles available.


Similar Part No. - IPA

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
IPA-120 SOVICO-IPA-120 Datasheet
1Mb / 1P
MIXING AMPLIFIER
2020.06
IPA-240 SOVICO-IPA-240 Datasheet
1Mb / 1P
MIXING AMPLIFIER
2020.06
IPA-35 SOVICO-IPA-35 Datasheet
3Mb / 1P
MIXING AMPLIFIER
IPA-360 SOVICO-IPA-360 Datasheet
1Mb / 1P
MIXING AMPLIFIER
2020.06
IPA-60 SOVICO-IPA-60 Datasheet
1Mb / 1P
MIXING AMPLIFIER
2020.06
More results

Similar Description - IPA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
385 LITTELFUSE-385 Datasheet
88Kb / 2P
CIRCUIT PROTECTORS
3890060000 LITTELFUSE-3890060000 Datasheet
87Kb / 2P
CIRCUIT PROTECTORS
398 LITTELFUSE-398 Datasheet
90Kb / 2P
CIRCUIT PROTECTORS
399IP13000 LITTELFUSE-399IP13000 Datasheet
90Kb / 2P
CIRCUIT PROTECTORS
logo
List of Unclassifed Man...
LELK1-30299-176-V ETC2-LELK1-30299-176-V Datasheet
2Mb / 28P
Hydraulic Magnetic Circuit Protectors
IEG6-36902-2-V ETC2-IEG6-36902-2-V Datasheet
2Mb / 24P
Hydraulic Magnetic Circuit Protectors
IAG4-39221-1 ETC2-IAG4-39221-1 Datasheet
2Mb / 24P
Magnetic Circuit Protectors
logo
Carling Technologies
CLB-153-11A3N-B-A CARLINGTECH-CLB-153-11A3N-B-A Datasheet
889Kb / 4P
CIRCUIT PROTECTORS
CMB-103-27G3N-B-A CARLINGTECH-CMB-103-27G3N-B-A Datasheet
936Kb / 4P
THERMAL CIRCUIT PROTECTORS
logo
Sensata Technologies, I...
IAG SENSATA-IAG Datasheet
2Mb / 24P
Hydraulic Magnetic Circuit Protectors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com