Electronic Components Datasheet Search
  English  ▼

X  

IPA Datasheet(PDF) 8 Page - Sensata Technologies, Inc.

Part # IPA
Description  MAGNETIC CIRCUIT PROTECTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

IPA Datasheet(HTML) 8 Page - Sensata Technologies, Inc.

  IPA Datasheet HTML 1Page - Sensata Technologies, Inc. IPA Datasheet HTML 2Page - Sensata Technologies, Inc. IPA Datasheet HTML 3Page - Sensata Technologies, Inc. IPA Datasheet HTML 4Page - Sensata Technologies, Inc. IPA Datasheet HTML 5Page - Sensata Technologies, Inc. IPA Datasheet HTML 6Page - Sensata Technologies, Inc. IPA Datasheet HTML 7Page - Sensata Technologies, Inc. IPA Datasheet HTML 8Page - Sensata Technologies, Inc. IPA Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Page 8
www.sensata.com
Copyright © 2020 Sensata Technologies, Inc.
Type
IPA: One toggle handle per unit UL Recognized
IPAP: One toggle handle per unit UL Recognized
PC board mount
IPAH: One toggle handle per pole UL Recognized
IPAHP: One toggle handle per pole UL Recognized
PC board mount
CPA: One toggle handle per unit UL Listed per UL489A
CPAH: One toggle handle per pole UL Listed per UL489A
Poles
-1: Single pole w/ quick connect terminals or PC board if P is used
-11: Two pole w/ quick connect terminals or PC board if P is used.
-111: Three pole w/ quick connect terminals or PC board if P is used.
-6: Single pole w/ screw terminals
-66: Two pole w/ screw terminals
-666: Three pole w/ screw terminals
Configuration
-0: Switch only
-1: Series
-1REC4: Series with silver contact Auxiliary switch
-1REG4: Series with gold contact Auxiliary switch
-1RS4: Series with silver contact Alarm switch
-1RSG4: Series with gold contact Alarm switch
Notes: 1. For switch type, eliminate 4th & 5th decision.
2. Switch will be marked with Max. current & voltage.
3. The alarm switch is located in the handle pole for single handle types and in pole 2 for units with a
handle per pole. The auxilliary switch may be located in any pole. However the standard location is in pole 2.
4. Switch type with alarm switch must be multi-pole connected to a pole equipped with either an
overcurrent or overvoltage mechanism.
(Consult factory for further information.)
Frequency & Delay
SW: Switch only
-40: 400Hz instant trip
-41: 400Hz short delay
-42: 400Hz long delay
-400: 400Hz motor start
-50: DC instant trip*
-51: DC short delay*
-52: DC long delay*
-500: DC motor start
-60: 50/60Hz instant trip
-61: 50/60Hz short delay
-62: 50/60Hz long delay
-600: 50/60Hz motor start
Rated Current
Use three numbers to specify required value within ranges described below.
Rating
0.50 to 30.0*
Notes: 1. On multi-pole units, the poles are numbered left to right when viewed from terminal end.
2. *15 amps maximum at 400Hz
Mounting & Terminal Type
A-: Metric M3 mounting inserts and if screw terminals M4.
L-: PC board mounting plate & terminals, 90 facing left
R-: PC board mounting plate & terminals, 90 facing right
S-: PC board terminals, rear facing with front panel insert mount.
Note: Right and Left determined with breaker viewed from the rear, in normal vertical mounted position. (see pages 70 & 71)
Handle Color & Markings
01: Black with I/O markings
Agency Approval
T: TÜV*
C: CCC
Notes: 1. *25 amperes max rated current for TÜV approval.
2. CCC Approval is pending.
IPAP
-
1
-
1REC4
-
61
-
10.0
-
L
-
01
-
T
Notes: A- The coding given permits a self-assigning part number. Other configurations may require a factory assigned part number. Typical examples are units with mixed
ratings, combinations of styles or construction. With these, it is suggested that order entry be by description and/or drawings and a part number will be assigned. Additionally,
it is a standard policy to establish a factory assigned part number wherever a descriptive drawing exits to provide cross reference, traceability and manufacturing control.
ORDERING OPTIONS
Example : IPAP-1-1REC4-61-10.0-L-01-T



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com