Electronic Components Datasheet Search
  English  ▼

X  

IPA Datasheet(PDF) 6 Page - Sensata Technologies, Inc.

Part # IPA
Description  MAGNETIC CIRCUIT PROTECTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

IPA Datasheet(HTML) 6 Page - Sensata Technologies, Inc.

  IPA Datasheet HTML 1Page - Sensata Technologies, Inc. IPA Datasheet HTML 2Page - Sensata Technologies, Inc. IPA Datasheet HTML 3Page - Sensata Technologies, Inc. IPA Datasheet HTML 4Page - Sensata Technologies, Inc. IPA Datasheet HTML 5Page - Sensata Technologies, Inc. IPA Datasheet HTML 6Page - Sensata Technologies, Inc. IPA Datasheet HTML 7Page - Sensata Technologies, Inc. IPA Datasheet HTML 8Page - Sensata Technologies, Inc. IPA Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Page 6
www.sensata.com
Copyright © 2020 Sensata Technologies, Inc.
Percentage of Rated Current vs Trip Time in Seconds at +25°C (Vertical Mount)
Frequency
Delay
100%
125%
150%
200%
400%
600%
800%
1000%
400 Hz
40
No Trip
May Trip
May Trip
090 Max
.060 Max
.050 Max
.040 Max
.035 Max
41
No Trip
May Trip
.2 to 9
.09 to 3
02 to .6
.006 to .3
.003 to .2
.003 to .15
42
No Trip
May Trip
3 to 80
1 to 25
.06 to 4
.01 to 1.5
.004 to .6
.003 to .3
400
No Trip
May Trip
20 to 900
6 to 250
.2 to 45
.01 to 6
.003 to .9
.003 to .5
DC
51*
No Trip
.500 to 16
.3 to 5
.13 to 1.5
.03 to .2
.005 to .1
.003 to .05
.003 to .025
52*
No Trip
7 to 100
3 to 40
.620 to 15
.12 to 2.5
.003 to .5
.003 to .05
.003 to .025
59*
No Trip
.120 Max
.073 Max
.038 Max
.021 Max
.017 Max
.017 Max
.017 Max
500
No Trip
70 to 800
25 to 300
10 to 100
1.2 to 20
.007 to 5
.004 to .65
.003 to .1
50/60 Hz
61
No Trip
.700 to 15
.3 to 4
.1 to 1.3
.02 to .25
.006 to .13
.003 to .07
.003 to .04
62
No Trip
12 to 180
6 to 70
2 to 25
.15 to 3.5
.005 to .3
.004 to .13
.004 to .04
69
No Trip
.120 Max
.073 Max
.038 Max .
.021 Max
.017 Max
.017 Max
.017 Max
600
No Trip
50 to 800
20 to 300
5.5 to 110
.3 to 17
.004 to .5
.004 to .5
.004 to .1
Notes: All trip times and trip currents are specified with the protector mounted in the normal vertical position at ambient temperature of 25 C.
Breakers do not carry current prior to application of overload.
*CPA type units are available only with 51, 52 and 59 delays.
DELAY CURVES & SPECIFICATIONS
A choice of delays is offered for DC, 50/60Hz and 400Hz applications.
Delays 40, 59 and 69 provide fast acting, instantaneous trip and are often used to protect sensitive electronic equipment (not recommended where a known
inrush exists).
Delays 41, 51 and 61 have a short delay for general purpose applications.
Delays 42, 52 and 62 are long enough to start certain types of motors and most transformer and capacitor loads.
Delays 400, 500 and 600 are long delays for special motor applications.
1
9001 000
PERCENT OF RATED CURRENT
.001
10000
.01
100
1000
.1
10
0
125
150200
3004
00
5006
00
7008
00
DELAY 51
100
1
9001 000
PERCENT OF RATED CURRENT
.001
10000
.01
100
1000
.1
10
01
00
125
1502 00
3004
00
5006
00
7008
00
DELAY 52
DELAY 59
900
1000
PERCENT OF RATED CURRENT
.001
10000
.01
100
1000
.1
1
10
01
00
125
1502 00
3004
00
5006
00
7008
00
1
9001
000
PERCENT OF RATED CURRENT
.001
10000
.01
100
1000
.1
10
0
125
1503
00
4005
00
6007
00
800
DELAY 500
100
200
DC Delay Curves (typ)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com