Electronic Components Datasheet Search
  English  ▼

X  

IPA Datasheet(PDF) 5 Page - Sensata Technologies, Inc.

Part # IPA
Description  MAGNETIC CIRCUIT PROTECTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

IPA Datasheet(HTML) 5 Page - Sensata Technologies, Inc.

  IPA Datasheet HTML 1Page - Sensata Technologies, Inc. IPA Datasheet HTML 2Page - Sensata Technologies, Inc. IPA Datasheet HTML 3Page - Sensata Technologies, Inc. IPA Datasheet HTML 4Page - Sensata Technologies, Inc. IPA Datasheet HTML 5Page - Sensata Technologies, Inc. IPA Datasheet HTML 6Page - Sensata Technologies, Inc. IPA Datasheet HTML 7Page - Sensata Technologies, Inc. IPA Datasheet HTML 8Page - Sensata Technologies, Inc. IPA Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Page 5
www.sensata.com
Copyright © 2020 Sensata Technologies, Inc.
CONFIGURATIONS
The most popular configuration for magnetic protectors is the series trip where
the sensing coil and contacts are in series with the load being protected. In
addition to providing conventional overcurrent protection, the handle position
conveniently indicates circuit status.
This is furnished as an integral part of a series pole in single or multi-pole
assemblies. Isolated electrically from the protector’s circuit, the switch
works in unison with the power contacts and provides indication at a remote
location of the protector’s on-off status.
Auxiliary switch contacts actuate simultaneously with the main breaker
contacts, and will open regardless of whether the breaker contacts are
opened manually or electrically. For auxiliary switch ratings below 6Vac or
5Vdc, an auxiliary switch with gold contacts, designated as REG, is available.
Gold contacts are not recommended for load current above 100 milliamps.
An optional auxiliary switch, RS, configuration allows an alarm or signal to
be forwarded only upon electrical overload, allowing for easier detection of
fault circuit.
Series Trip
Auxiliary Switch (Applies to Series Trip Only)
Typical Resistance/ Impedance
Current Ratings
(Amps)
Series Type (Except delays 40, 50, 60)
DC
(ohms)
AC, 50/60Hz
(ohms)
AC, 400Hz
(ohms)
0.050
427
478
-
0.100
100
103
204
0.250
19
20
34
0.500
4.6
6.3
8.2
0.750
2.04
2.06
3.52
1.00
0.91
0.92
1.86
2.50
0.17
0.19
0.28
5.00
0.045
0.046
0.073
7.50
0.018
0.019
0.037
10.0
0.013
0.014
0.020
15.0
0.0072
0.0073
0.019
20.0
0.005
0.0051
-
25.0
0.003
0.0035
-
DCR and Impedance values are based on measurements by the voltmeter
ammeter method. Rated current is applied for one hour and at a voltage not
less than 20 volts. Ambient temperature: 25 C; Tolerance: Below 10 amps ±
25%; Above 10 amps ± 50%; *Consult factory for special values and for coil
impedance of delays not shown.
[35.13]
1.383
[25.77]
1.015
[26.00]
1.024
[9.58]
.377
C
NO
NC
LINE
LOAD
C
NO
NC
LINE
LOAD
C
[19.68]
.775
[9.37]
.369
[18.52]
.729 MAX.
NO
NC
LINE
LOAD
C
NO
NC
LINE
C-NC = Breaker in
“OFF” position.
Breaker in “ON” or manually
turned “OFF” position.
Breaker in electrically tripped
“OFF” position.
Series with
Auxiliary Switch
Auxiliary Alarm
Switch (IRS4, IRSG4)
Series with Auxiliary Switch
LINE
LOAD
Series
[35.13]
1.383
[3.43]
.135
Switch
LOAD
LINE
Series Trip
Notes:
1. Main circuit protector terminals are stationary male push-
on type: .248 [6.30] wide x .031 [.787] thick x .474 [12.00] long,
or screw type: M4 x .354 [8.99] wide x .031 [.787] thick x .474
[12.00] long.
2. Auxiliary switch terminals are: .110 [2.79] wide x .020 [0.51]
thick x .343 [8.71] long.
3. Tolerance ± .015 [.38] unless noted. Dimensions in brackets [
] are millimeters.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com