Electronic Components Datasheet Search
  English  ▼

X  

SFH5721 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 2Page - OSRAM GmbH SFH5721 Datasheet HTML 3Page - OSRAM GmbH SFH5721 Datasheet HTML 4Page - OSRAM GmbH SFH5721 Datasheet HTML 5Page - OSRAM GmbH SFH5721 Datasheet HTML 6Page - OSRAM GmbH SFH5721 Datasheet HTML 7Page - OSRAM GmbH SFH5721 Datasheet HTML 8Page - OSRAM GmbH SFH5721 Datasheet HTML 9Page - OSRAM GmbH SFH5721 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
6 | Version 1.1 | 2022-02-28
Product and Application Information
Application diagram
- Bypass capacitors for Vdd are required for proper operation of the device.
- Proposed size for pull-up resistors Rp1, Rp2 and Rp3 are 10kOhm.
- ADDR can be connected to GND or VDD, address depends on the voltage sensed on
the ADDR pin.
- I/O-pins are open drain type and logic high level is set with external pull-up resistor to VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54