Electronic Components Datasheet Search
  English  ▼

X  

SFH5721 Datasheet(PDF) 28 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 24Page - OSRAM GmbH SFH5721 Datasheet HTML 25Page - OSRAM GmbH SFH5721 Datasheet HTML 26Page - OSRAM GmbH SFH5721 Datasheet HTML 27Page - OSRAM GmbH SFH5721 Datasheet HTML 28Page - OSRAM GmbH SFH5721 Datasheet HTML 29Page - OSRAM GmbH SFH5721 Datasheet HTML 30Page - OSRAM GmbH SFH5721 Datasheet HTML 31Page - OSRAM GmbH SFH5721 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
28 | Version 1.1 | 2022-02-28
IPERS[3:0] OPERATION
0000
Every cycle generates an interrupt
0001
1 value out of range generates an interrupt
0010
2 consecutive values out of range generate an interrupt
…
…
…
…
1101
13 consecutive values out of range generate an interrupt
1110
14 consecutive values out of range generate an interrupt
1111
15 consecutive values out of range generate an interrupt
IOA
OPERATION
0
Interrupt is generated if a single readout channel generates the interrupt
1
Interrupt is generated if all enabled readout channels generate the interrupt
ICC
OPERATION
0
Interrupt is cleared when IFLAG register is read
1
Interrupt is cleared when any one of the eight DATA1L to DATA4H register is read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54