Electronic Components Datasheet Search
  English  ▼

X  

SFH5721 Datasheet(PDF) 38 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 34Page - OSRAM GmbH SFH5721 Datasheet HTML 35Page - OSRAM GmbH SFH5721 Datasheet HTML 36Page - OSRAM GmbH SFH5721 Datasheet HTML 37Page - OSRAM GmbH SFH5721 Datasheet HTML 38Page - OSRAM GmbH SFH5721 Datasheet HTML 39Page - OSRAM GmbH SFH5721 Datasheet HTML 40Page - OSRAM GmbH SFH5721 Datasheet HTML 41Page - OSRAM GmbH SFH5721 Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
38 | Version 1.1 | 2022-02-28
Data 3 LSB Register (DATA3L)
0x10
Bit
NAME
R/W
Default
Description
7:0
DATA3L[7:0]
R/W
0000 0000
Data Low Byte ALS Channel
The DATA3L and DATA3H registers are used to store the data of readout ALS channel.
Data 3 MSB Register (DATA3H)
0x11
Bit
NAME
R/W
Default
Description
7:0
DATA3H[7:0]
R/W
0000 0000
Data High Byte ALS Channel
The DATA3L and DATA3H registers are used to store the data of readout ALS channel.
Device ID Number (DEVID)
0x14
Bit
NAME
R/W
Default
Description
7:4
-
R/W
0000
Not used
3:0
DEVID[3:0]
R/W
0001
Device ID Number
The DEVID register is used to provide the silicon part number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54