Electronic Components Datasheet Search
  English  ▼

X  

SFH5721 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 26Page - OSRAM GmbH SFH5721 Datasheet HTML 27Page - OSRAM GmbH SFH5721 Datasheet HTML 28Page - OSRAM GmbH SFH5721 Datasheet HTML 29Page - OSRAM GmbH SFH5721 Datasheet HTML 30Page - OSRAM GmbH SFH5721 Datasheet HTML 31Page - OSRAM GmbH SFH5721 Datasheet HTML 32Page - OSRAM GmbH SFH5721 Datasheet HTML 33Page - OSRAM GmbH SFH5721 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
30 | Version 1.1 | 2022-02-28
Interrupt High Threshold LSB Register (IHTL)
0x06
Bit
NAME
R/W
Default
Description
7:0
IHTL[7:0]
R/W
1111 1111
High Threshold Low Byte (LSB)
The IHTL and IHTH interrupt threshold registers are used as the high trigger point for the comparison
function for the interrupt generation. If the value generated by the ADC conversion crosses above
the specified high threshold, an interrupt is asserted on the interrupt pin.
Interrupt High Threshold MSB Register (IHTH)
0x07
Bit
NAME
R/W
Default
Description
7:0
IHTH[7:0]
R/W
1111 1111
High Threshold High Byte (MSB)
The IHTL and IHTH interrupt threshold registers are used as the high trigger point for the comparison
function for the interrupt generation. If the value generated by the ADC conversion crosses above
the specified high threshold, an interrupt is asserted on the interrupt pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54