Electronic Components Datasheet Search
  English  ▼

X  

TCS37013 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # TCS37013
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37013 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button TCS37013 Datasheet HTML 26Page - OSRAM GmbH TCS37013 Datasheet HTML 27Page - OSRAM GmbH TCS37013 Datasheet HTML 28Page - OSRAM GmbH TCS37013 Datasheet HTML 29Page - OSRAM GmbH TCS37013 Datasheet HTML 30Page - OSRAM GmbH TCS37013 Datasheet HTML 31Page - OSRAM GmbH TCS37013 Datasheet HTML 32Page - OSRAM GmbH TCS37013 Datasheet HTML 33Page - OSRAM GmbH TCS37013 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
Datasheet, Public
Page 29
[v2-00] 2022-Dec-15
Document Feedback
TCS3701 − Register Overview
Note(s):
1. Return to the Register Map (0xB5).
ALS autozero configuration is used to set how often the ALS
engine offsets are reset to compensate for changes in device
temperature.
Figure 33:
AZ_CONFIG
Note(s):
1. Return to the Register Map (0xD6).
2:0
ALS_TH_CHANNEL
0
R/W
ALS Thresholds Channel. Sets the channel used by
interrupts, persistence, and the ALS AGC, if enabled, to
determine device status and ALS gain settings.
VALUE
CHANNEL
DEFAULT
00
CLEAR
11
RED
22
GREEN
33
BLUE
44
WIDEBAND
Addr: 0xD6
AZ_CONFIG
Bit
Field
Reset
Type
Bit Description
7:0
AZ_NTH_ITERATION
255
R/W
ALS Autozero Frequency. Sets the frequency at which
the device performs autozero of the ALS pulse counter.
VALUE
AUTOZERO FREQUENCY
0
Never
1Every cycle
2Every 2 cycles
…Every (AZ_NTH_ITERATION) cycles
253
Every 253 cycles
254
Every 254 cycles
255
Only once (before 1st cycle)
Addr: 0xB5
CFG12
Bit
Field
Reset
Type
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com