Electronic Components Datasheet Search
  English  ▼

X  

TCS37013 Datasheet(PDF) 35 Page - OSRAM GmbH

Part # TCS37013
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37013 Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button TCS37013 Datasheet HTML 31Page - OSRAM GmbH TCS37013 Datasheet HTML 32Page - OSRAM GmbH TCS37013 Datasheet HTML 33Page - OSRAM GmbH TCS37013 Datasheet HTML 34Page - OSRAM GmbH TCS37013 Datasheet HTML 35Page - OSRAM GmbH TCS37013 Datasheet HTML 36Page - OSRAM GmbH TCS37013 Datasheet HTML 37Page - OSRAM GmbH TCS37013 Datasheet HTML 38Page - OSRAM GmbH TCS37013 Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
Page 34
Datasheet, Public
Document Feedback
[v2-00] 2022-Dec-15
TCS3701 − Register O ver view
Note(s):
1. Return to the Register Map (0xBB).
Figure 41:
PCFG5
Note(s):
1. Return to the Register Map (0xBC).
Proximity offset values have a range of ±255 and are expressed
as 9-bit two’s-complement values. Only the lower 9 bits are
significant, but the high byte must only be programmed with
values of 0x00 (indicates that the low byte has a positive value)
or 0xFF (indicates that the low byte has a negative value). These
registers are read/write.
1:0
PGAIN
2
R/W
Proximity Gain Control. Sets the proximity sensitivity
gain.
VALUE
PROXIMITY GAIN
01x
12x
24x
38x
Addr: 0xBC
PCFG5
Bit
Field
Reset
Type
Bit Description
7:6
PPULSE_LEN
1
R/W
Proximity Pulse Length. Sets the proximity pulse length.
VALUE
PULSE LENGTH
04μs
18μs
216μs
332μs
5:0
PPULSE
15
R/W
Proximity Pulse Count. Specifies the maximum number
of proximity pulses per sample. The pulse count can be set
between 1 and 64 pulses. The number of pulses is equal to
PPULSE + 1.
Addr: 0xBB
PCFG4
Bit
Field
Reset
Type
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com