Electronic Components Datasheet Search
  English  ▼

X  

TCS37013 Datasheet(PDF) 47 Page - OSRAM GmbH

Part # TCS37013
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37013 Datasheet(HTML) 47 Page - OSRAM GmbH

Back Button TCS37013 Datasheet HTML 43Page - OSRAM GmbH TCS37013 Datasheet HTML 44Page - OSRAM GmbH TCS37013 Datasheet HTML 45Page - OSRAM GmbH TCS37013 Datasheet HTML 46Page - OSRAM GmbH TCS37013 Datasheet HTML 47Page - OSRAM GmbH TCS37013 Datasheet HTML 48Page - OSRAM GmbH TCS37013 Datasheet HTML 49Page - OSRAM GmbH TCS37013 Datasheet HTML 50Page - OSRAM GmbH TCS37013 Datasheet HTML 51Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
Page 46
Datasheet, Public
Document Feedback
[v2-00] 2022-Dec-15
TCS3701 − Register O ver view
Status Registers
The primary status register for TCS3701 indicates if there are
saturation or interrupt events that need to be handled by the
user. This register is self-clearing, meaning that writing a 1 to
any bit in the register clears that status bit. In this way, the user
should read the STATUS register, handle all indicated event(s),
then write the register value back to STATUS to clear the
handled events. Writing 0 to these bits will not clear those bits
if they have a value of 1, which means that new events that
occurred since the last read of the STATUS register will not be
accidentally cleared.
Figure 54:
STATUS
Addr: 0x93
STATUS
Bit
Field
Reset
Type
Bit Description
7ASAT
0
R
ALS Saturation. If ASIEN is set, indicates ALS
saturation. Check the STATUS2 register to
differentiate between analog or digital saturation.
6PSAT
0
R
Proximity Saturation. If PSIEN is set, indicates
analog saturation during a previous proximity cycle.
Check the STATUS3 register to differentiate between
ambient or reflected light saturation.
5PINT1
0
R
Proximity Interrupt One. If PIEN1 is set, indicates
that a proximity detect or release event that met the
programmed proximity thresholds (PILT1 or PIHT1)
and persistence (PPERS) occurred.
4PINT0
0
R
Proximity Interrupt Zero. If PIEN0 is set, indicates
that a proximity detect or release event that met the
programmed proximity thresholds (PILT0 or PIHT0)
and persistence (PPERS) occurred.
3AINT
0
R
ALS Interrupt. If AIEN is set, indicates that an ALS
event that met the programmed ALS thresholds
(AILT or AIHT) and persistence (APERS) occurred.
2
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com