Electronic Components Datasheet Search
  English  ▼

X  

TCS37013 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # TCS37013
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37013 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button TCS37013 Datasheet HTML 30Page - OSRAM GmbH TCS37013 Datasheet HTML 31Page - OSRAM GmbH TCS37013 Datasheet HTML 32Page - OSRAM GmbH TCS37013 Datasheet HTML 33Page - OSRAM GmbH TCS37013 Datasheet HTML 34Page - OSRAM GmbH TCS37013 Datasheet HTML 35Page - OSRAM GmbH TCS37013 Datasheet HTML 36Page - OSRAM GmbH TCS37013 Datasheet HTML 37Page - OSRAM GmbH TCS37013 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
Datasheet, Public
Page 33
[v2-00] 2022-Dec-15
Document Feedback
TCS3701 − Register Overview
Figure 39:
PCFG2
Note(s):
1. If PLDRIVE0_HALF bit is asserted, the LED drive current is divided by 2.
2. Return to the Register Map (0xB9).
Figure 40:
PCFG4
Addr: 0xB9
PCFG2
Bit
Field
Reset
Type
Bit Description
7Reserved
0
6:0
PLDRIVE0
0
R/W
Proximity LED Drive Strength Zero. Configures
nominal LED current used for an internal proximity
measurement linearly in steps of 2mA (actual
current depends on factory-configuration of LED
drive strength). The LED drive strength is equal to
2
× PLDRIVE0 + 4.
VALUE
LED STRENGTH
04mA
16mA
…2mA
× PLDRIVE0 + 4mA
126
256mA
127
258mA
Addr: 0xBB
PCFG4
Bit
Field
Reset
Type
Bit Description
7:4
Reserved
0
3
PLDRIVE0_HALF
0
R/W
If asserted the LED drive current set by PLDRIVE0 is
divided by 2.
2Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com