Electronic Components Datasheet Search
  English  ▼

X  

TCS37013 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # TCS37013
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37013 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button TCS37013 Datasheet HTML 29Page - OSRAM GmbH TCS37013 Datasheet HTML 30Page - OSRAM GmbH TCS37013 Datasheet HTML 31Page - OSRAM GmbH TCS37013 Datasheet HTML 32Page - OSRAM GmbH TCS37013 Datasheet HTML 33Page - OSRAM GmbH TCS37013 Datasheet HTML 34Page - OSRAM GmbH TCS37013 Datasheet HTML 35Page - OSRAM GmbH TCS37013 Datasheet HTML 36Page - OSRAM GmbH TCS37013 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
Page 32
Datasheet, Public
Document Feedback
[v2-00] 2022-Dec-15
TCS3701 − Register O ver view
Figure 38:
PCFG1
Note(s):
1. Return to the Register Map (0xB8).
Addr: 0xB8
PCFG1
Bit
Field
Reset
Type
Bit Description
7HXTALK_MODE2
0
R/W
High Crosstalk Mode. If asserted, the proximity
engine uses a 10-bit output mode intended for
extremely high optical crosstalk systems. HXTALK_
MODE1 and HXTALK_MODE2 must both be
asserted for this function to work.
6:3
Reserved
0
2
PROX_FILTER_
DOWNSAMPLE
0R/W
Proximity Filter Downsample. Sets how often
proximity results are checked for interrupts and
persistence when PROX_FILTER is enabled.
1:0
PROX_FILTER
0
R/W
Proximity Filter. Selects the filter size for proximity,
n. The average is a moving window of length n, and
the result is updated and used either every cycle
(PROX_FILTER_DOWNSAMPLE = 0) or every n cycles
(PROX_FILTER_DOWNSAMPLE = 1).
VALUE
FILTER LENGTH
01
12
24
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com