Electronic Components Datasheet Search
  English  ▼

X  

2052 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2052
Description  Ball valve for hygienic applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2052 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2052 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Type 2654
Hygienic
3 | 11
Visit product website 
1.
General technical data
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 6.
Material
Seal
Seat: stainless steel-reinforced PTFE (FDA conform)
Body gasket, thrust collar and V-packing: PTFE (FDA conform)
Stem seal: silicone
Body
Stainless steel 1.4435/316L
Ball
Stainless steel 1.4435/316L
Selector shaft
Stainless steel 1.4435/316L
Lever
Electropolished, CFM8/1.4408/316
Surface quality
Wetted surface RA < Ra 0.8 μm, electropolished body surface
Medium data
Medium temperature
- 10 °C…+ 200 °C (see “5.1. Pressure temperature diagram” on page 9)
Medium pressure
63 bar (see “5.1. Pressure temperature diagram” on page 9), maximum 6 bar for steam with
seal made of stainless steel-reinforced PTFE
Process/Port connection & communication
Port connection
Orbital weld end variants according to
• DIN 11850 R2
• ISO 1127/ISO 4200
• ASME BPE
Approvals and conformities
ISO head flange
EN ISO 5211
Foods and beverages/Hygiene
FDA
Further information can be found in chapter “2.4. Foods and beverages/Hygiene” on page 4.
USP
Further information can be found in chapter “2.4. Foods and beverages/Hygiene” on page 4.
EC Regulation 1935/2004
Further information can be found in chapter “2.4. Foods and beverages/Hygiene” on page 4.
2.
Approvals and conformities
2.1. General notes
• The approvals and conformities listed below must be stated when making enquiries. This is the only way to ensure that the product
complies with all required specifications.
• Not all available variants can be supplied with the below mentioned approvals or conformities.
2.2. Conformity
In accordance with the Declaration of Conformity, the product is compliant with the EU Directives.
2.3. Standards
The applied standards which are used to demonstrate compliance with the EU Directives are listed in the EU-Type Examination Certificate
and/or the EU Declaration of Conformity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com