Electronic Components Datasheet Search
  English  ▼

X  

2052 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 2052
Description  Ball valve for hygienic applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2052 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 2052 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Type 2654
Hygienic
9 | 11
Visit product website 
5.
Performance specifications
5.1. Pressure temperature diagram
80
70
63
50
40
30
20
10
-10
0
50
100
150
200
Temperature [C°]
12…13 bar
5.2. Torques
Torques for ball valves with PN 16 pressure rating
DN [mm]
8
10
15
20
25
32
40
50
65
80
100
Breakaway torque [Nm] 6
6
10
14
17
24
29
44
78
112
140
Running torque [Nm]
4
4
7
9
11
16
19
30
52
89
112
6.
Product accessories
6.1. Wearing part set for Type 2654 Hygienic
Note:
Further ordering information can be found in chapter “Wearing part set for Type 2654 Hygienic” on page 10.
Description
Quantity
Material
V-packing/V-seal
4
PTFE-FDA
O-ring
1
Silicone
Thrust collar
1
PTFE-FDA
Seat
2
PTFE-SS-FDA (50 % stainless steel reinforced)
Body gasket
2
PTFE-FDA
6.2. Lever for ball valve Type 2654 Hygienic
Note:
• The casted lever is made of stainless steel 1.4408/316, including screw and travel stop.
• Electropolished
• With eyelet to lock the ball valve via pad lock or screw
• Further ordering information can be found in chapter “Lever for Type 2654 Hygienic” on page 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com