Electronic Components Datasheet Search
  English  ▼

X  

2052 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 2052
Description  Ball valve for hygienic applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2052 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  2052 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Type 2654
Hygienic
5 | 11
Visit product website 
3.2. Material specifications
Ra <0.8 μm
Ra <0.8 μm
Ra <0.8 μm
Nr.
Element
Material
1
Body
1.4435/316L
2
End cap
1.4435/316L
3
Ball
1.4435/316L
4
Washer
1.4404/SS316
5
Nut
1.4404/SS316
6
Screw
1.4404/SS316
7
Seat
PTFE SS-FDA (50 % stainless
steel reinforced)
8
Body gasket
PTFE-FDA
9
Thrust collar
PTFE-FDA
10
Shaft / star
1.4435/316L
11
O-ring
Silicone
12
V-packing
PTFE-FDA
13
Packing gland
1.4404/SS316
14
Spring
Spring steel
15
Nut
1.4404/SS316



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com