Electronic Components Datasheet Search
  English  ▼

X  

2052 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 2052
Description  Ball valve for hygienic applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2052 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 2052 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Type 2654
Hygienic
8 | 11
Visit product website 
4.3. ASME BPE variant
Note:
Dimensions in mm, unless otherwise stated
L2
L1
ISO 5211
E
D
H
I
I
D
C
C
I
D
DN8…DN65
DN80…DN100
Nominal
diameter
A
B
C
D
E
H
I
L1
L2
Ø D
S
V
ISO 5211
Article no.
[inch]
Manually
operated
Bare shaft 1.)
⅜"
40
9
47
88
125 64.5
23.5 95
23
9.53
0.89
9
F03/F04
351677 
351661 
½"
40
9
47
88
125 64.5
23.5 100
20
12.7
1.65
9
F03/F04
351678 
351662 
¾"
44
9
53.5 95
125 68
27
105
25
19.05
1.65
9
F03/F04
344217 
344216 
1"
52
12 60.5 123
189 93
30
115
25
25.4
1.65
11
F04/F05
343002 
343003 
1½"
68
12 81.5 147
221 106.5 40.5 150
33
38.1
1.65
14
F05/F07
351679 
343004 
2"
77
16 100
167
221 117
50
170
33
50.8
1.65
14
F05/F07
351680 
351663 
2½"
98
19 127
218
302 154.5 63.5 220
40
63.5
1.65
17
F07/F10
351681 
351664 
3"
110 19 188
250
302 166.5 83.5 300
65
76.2
1.65
17
F07/F10
351682 
351665 
4"
138 24 221
317
350 219.5 97.5 325
65
101.6
2.11
22
F10
345207 
351666 
1.) The ball valves with bare shaft are suitable for automated operation with pneumatic or electric rotary actuators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com