Electronic Components Datasheet Search
  English  ▼

X  

2052 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2052
Description  Ball valve for hygienic applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2052 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2052 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2052 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Visit product website 
DATA SHEET
Hygienic
Standard | EU | en | 2024 - 01 - 11 | 15
Ball valve for hygienic applications
• High performance and low maintenance
• Suitable for CIP and SIP (cleaning in process)
• Stainless steel reinforced PTFE Seal: conform to EC Regulation
1935/2004/EC, Regulation (EU) No. 10/2011, FDA, USP Class VI
• ISO 5211 head flange
The ball valves are manufactured using high quality materials and fulfil the require-
ments of many international standards. They offer maximum flow performance for
hygienic duties.
They boast a high quality finish and are available in different variations. Thanks to
their simple construction, the ball valves are very low-maintenance.
They are available with and without manual lever. Furthermore, they can be con-
nected via the mechanical interface (according to ISO 5211) with pneumatic (e.g.
Type 2051, Type 2052, Type 2053) and electrical rotary actuators (e.g. Type 3003,
Type 3004, Type 3005).
Applications
• Biotechnology
• Pharmaceutical industry
• Chemical industry
• Dairy plants
• Food industry
• Cosmetics industry
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 2654
© Christian Bürkert GmbH & Co. KG, Änderungen vorbehalten
Type 2053
Pneumatic rotary actuator
for the automation of ball
and butterfly valves
Type 2051/2052
Pneumatic rotary actuator
Type 3003
Electrical rotary actuator
- On/Off and control
Type 3005/3004
Electric rotary actuator -
On/Off and Control
Type 1061
Accessory for pneumatic
rotary actuators
Type 8692
Digital electropneumatic
positioner for the inte-
grated mounting on
process control valves
Type 8792
Digital electropneumatic
positioner SideControl


Similar Part No. - 2052

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2052 SCHURTER-2052 Datasheet
392Kb / 2P
CN Power Cord with IEC Appliance Connector C19, V-Lock, straight
logo
List of Unclassifed Man...
2052 ETC2-2052 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
Christian Bürkert GmbH ...
2052 BURKERT-2052 Datasheet
1Mb / 15P
Position feedback unit for pneumatic rotary actuators
01.03.2024
2052 BURKERT-2052 Datasheet
1,012Kb / 12P
2/2 way Flanged Ball Valve in stainless steel, 2 pieces, DN 15…DN 200
25.06.2021
2052 BURKERT-2052 Datasheet
1Mb / 9P
Ball Valve, manually-operated
09.03.2022
More results

Similar Description - 2052

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
153484 FESTO-153484 Datasheet
95Kb / 2P
Ball valve
4/15/22
153487 FESTO-153487 Datasheet
87Kb / 2P
Ball valve
4/15/22
8089038 FESTO-8089038 Datasheet
98Kb / 2P
Ball valve
6/30/22
8089045 FESTO-8089045 Datasheet
96Kb / 2P
Ball valve
6/30/22
8089056 FESTO-8089056 Datasheet
87Kb / 2P
Ball valve
6/30/22
8096667 FESTO-8096667 Datasheet
85Kb / 2P
Ball valve
6/30/22
4745221 FESTO-4745221 Datasheet
82Kb / 2P
Ball valve
7/1/22
4745225 FESTO-4745225 Datasheet
82Kb / 2P
Ball valve
7/1/22
4834288 FESTO-4834288 Datasheet
99Kb / 2P
Ball valve
7/1/22
logo
Endress+Hauser Group Se...
CPS62E EH-CPS62E Datasheet
527Kb / 12P
ORP sensor for hygienic and sterile applications
2021-08-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com