Electronic Components Datasheet Search
  English  ▼

X  

TMD2755 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # TMD2755
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2755 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button TMD2755 Datasheet HTML 11Page - OSRAM GmbH TMD2755 Datasheet HTML 12Page - OSRAM GmbH TMD2755 Datasheet HTML 13Page - OSRAM GmbH TMD2755 Datasheet HTML 14Page - OSRAM GmbH TMD2755 Datasheet HTML 15Page - OSRAM GmbH TMD2755 Datasheet HTML 16Page - OSRAM GmbH TMD2755 Datasheet HTML 17Page - OSRAM GmbH TMD2755 Datasheet HTML 18Page - OSRAM GmbH TMD2755 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
Page 14
Datasheet, Public
Document Feedback
[v3-00] 2023-Jan-02
TMD2755 − Register Description
Figure 16:
Register Overview
Address
Register Name
R/W
Register Function
Reset Value
0x80
ENABLE
R/W
Enables states and interrupts
0x00
0x81
ATIME
R/W
ADC integration time
0x00
0x82
PRATE
R/W
Proximity time
0x1F
0x83
AWTIME
R/W
ALS wait time
0x00
0x84
AILTL
R/W
ALS interrupt low threshold low byte
0x00
0x85
AILTH
R/W
ALS interrupt low threshold high byte
0x00
0x86
AIHTL
R/W
ALS interrupt high threshold low byte
0x00
0x87
AIHTH
R/W
ALS interrupt high threshold high byte
0x00
0x88
PILTL
R/W
Proximity interrupt low threshold low byte
0x00
0x89
PILTH
R/W
Proximity interrupt low threshold high byte
0x00
0x8A
PIHTL
R/W
Proximity interrupt high threshold low byte
0x00
0x8B
PIHTH
R/W
Proximity interrupt high threshold high byte
0x00
0x8C
PERS
R/W
ALS and proximity interrupt persistence filters
0x00
0x8D
CFG0
R/W
Configuration zero
0x50
0x8E
PCFG0
R/W
Proximity configuration zero
0x8F
0x8F
PCFG1
R/W
Proximity configuration one
0x32
0x90
PCFG2
R/W
Proximity configuration two
0x20
0x91
CFG1
R/W
Configuration one
0x68
0x92
REVID
R
Revision ID
0x00
0x93
ID
R
Device ID
0x50
0x94
STATUS
R, SC
Device status
0x00
0x95
ALSL
R
ALS (CH0) low data
0x00
0x96
ALSH
R
ALS (CH0) high data
0x00
0x97
IRL
R
IR (CH1) low data
0x00
0x98
IRH
R
IR (CH1) high data
0x00
0x99
PDATAL
R
Proximity ADC low data
0x00
0x9A
PDATAH
R
Proximity ADC high data
0x00
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com