Electronic Components Datasheet Search
  English  ▼

X  

TMD2755 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # TMD2755
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2755 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button TMD2755 Datasheet HTML 26Page - OSRAM GmbH TMD2755 Datasheet HTML 27Page - OSRAM GmbH TMD2755 Datasheet HTML 28Page - OSRAM GmbH TMD2755 Datasheet HTML 29Page - OSRAM GmbH TMD2755 Datasheet HTML 30Page - OSRAM GmbH TMD2755 Datasheet HTML 31Page - OSRAM GmbH TMD2755 Datasheet HTML 32Page - OSRAM GmbH TMD2755 Datasheet HTML 33Page - OSRAM GmbH TMD2755 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
Datasheet, Public
Page 29
[v3-00] 2023-Jan-02
Document Feedback
TMD2755 − Register Description
PDATAL Register (Address 0x99)
Figure 42:
PDATAL Register
PDATAH Register (Address 0x9A)
Figure 43:
PDATAH Register
Proximity data is stored as a 14-bit value (two bytes). Reading
the low byte first latches the high byte. Proximity detection uses
an Automatic Pulse Control (APC) mechanism that adjusts the
number of pulses per measurement based on the magnitude of
the reflected IR signal. As the magnitude of the signal increases,
the number of pulses decreases. Proximity detection uses a
10-bit ADC that is extended to a 14-bit dynamic range for PDATA
using the following formula:
PDATA = ADCvalue x (16 / actual number of pulses transmitted)
PDATA is therefore proportional to the reflected energy
independent of the number of pulses transmitted.
If Automatic Pulse Control (APC) is disabled by setting bit 6 in
CFG6 to 1, then the proximity data converts to a 10-bit value.
PDATAL contains the 8 most significant bits of the 10-bit value
and PDATAH bit locations 1:0 contain the lower 2-bits. When
APC is disabled, only the upper 8-bits are compared against the
threshold values contained in PILTL and PIHTL.
Addr: 0x99
PDATAL
Bit
Bit Name
Default
Access
Bit Description
7:0
PDATAL
0x00
R
This register contains the low byte of the 14-bit
proximity ADC data when APC is enabled. If APC is
disabled, this register contains the upper 8 most
significant bits of the 10-bit proximity value.
Addr: 0x9A
PDATAH
Bit
Bit Name
Default
Access
Bit Description
7:0
PDATAH
0x00
R
This register contains the high byte of the 14-bit
proximity ADC data when APC is enabled. If APC is
disabled, bits 1:0 contain the lower 2 bits of the 10-bit
proximity value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com