Electronic Components Datasheet Search
  English  ▼

X  

TMD2755 Datasheet(PDF) 47 Page - OSRAM GmbH

Part # TMD2755
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2755 Datasheet(HTML) 47 Page - OSRAM GmbH

Back Button TMD2755 Datasheet HTML 43Page - OSRAM GmbH TMD2755 Datasheet HTML 44Page - OSRAM GmbH TMD2755 Datasheet HTML 45Page - OSRAM GmbH TMD2755 Datasheet HTML 46Page - OSRAM GmbH TMD2755 Datasheet HTML 47Page - OSRAM GmbH TMD2755 Datasheet HTML 48Page - OSRAM GmbH TMD2755 Datasheet HTML 49Page - OSRAM GmbH TMD2755 Datasheet HTML 50Page - OSRAM GmbH TMD2755 Datasheet HTML 51Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
Page 46
Datasheet, Public
Document Feedback
[v3-00] 2023-Jan-02
TMD2755 − Soldering & Storage Information
Floor Life
The module has been assigned a moisture sensitivity level of
MSL 3. As a result, the floor life of devices removed from the
moisture barrier bag is 168 hours from the time the bag was
opened, provided that the devices are stored under the
following conditions:
• Floor Life: 168 hours
• Ambient Temperature: <30°C
• Relative Humidity: <60%
If the floor life or the temperature/humidity conditions have
been exceeded, the devices must be rebaked prior to solder
reflow or dry packing.
Rebaking Instructions
When the shelf life or floor life limits have been exceeded,
rebake at 50°C for 12 hours.
Laser Eye Safety
The TMD2755 is designed to meet the Class 1 laser safety limits
including single faults in compliance with IEC/EN 60825-1:2014.
In an end application system environment, the system may
need to be tested to ensure it remains compliant. The system
must not include any additional lens to concentrate the laser
light or parameters set outside of the recommended operating
conditions or any physical modification to the module during
development could result in hazardous levels of radiation
exposure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com