Electronic Components Datasheet Search
  English  ▼

X  

PC3S12XEP100J1MVLR Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # PC3S12XEP100J1MVLR
Description  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC3S12XEP100J1MVLR Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button PC3S12XEP100J1MVLR Datasheet HTML 29Page - Freescale Semiconductor, Inc PC3S12XEP100J1MVLR Datasheet HTML 30Page - Freescale Semiconductor, Inc PC3S12XEP100J1MVLR Datasheet HTML 31Page - Freescale Semiconductor, Inc PC3S12XEP100J1MVLR Datasheet HTML 32Page - Freescale Semiconductor, Inc PC3S12XEP100J1MVLR Datasheet HTML 33Page - Freescale Semiconductor, Inc PC3S12XEP100J1MVLR Datasheet HTML 34Page - Freescale Semiconductor, Inc PC3S12XEP100J1MVLR Datasheet HTML 35Page - Freescale Semiconductor, Inc PC3S12XEP100J1MVLR Datasheet HTML 36Page - Freescale Semiconductor, Inc PC3S12XEP100J1MVLR Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 1036 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.07
Freescale Semiconductor
33
1.1.6
Detailed Register Map
The detailed register map is listed in Appendix A.
1.1.7
Part ID Assignments
The part ID is located in two 8-bit registers PARTIDH and PARTIDL (addresses 0x001A and 0x001B).
The read-only value is a unique part ID for each revision of the chip. Table 1-6 shows the assigned part ID
number and Mask Set number.
The Version ID is a word located in a flash information row at 0x40_00E8. The version ID number
indicates a specific version of internal NVM variables used to patch NVM errata.
The default is no patch (0xFFFF).
1.2
Signal Description
This section describes signals that connect off-chip. It includes a pinout diagram, a table of signal
properties, and detailed discussion of signals. It is built from the signal description sections of the Block
User Guides of the individual IP blocks on the device.
1.2.1
Device Pinout
The XE-Family of devices offers pin-compatible packaged devices to assist with system development and
accommodate expansion of the application.
The MC9S12XE-Family devices are offered in the following package options:
•
208-pin MAPBGA package with an external bus interface (address/data bus)
•
144-pin LQFP package with an external bus interface (address/data bus)
•
112-pin LQFP without external bus interface
•
80-pin QFP without external bus interface
Table 1-6. Assigned Part ID Numbers
Device
Mask Set Number
Part ID1
1 The coding is as follows:
Bit 15-12: Major family identifier
Bit 11-6: Minor family identifier
Bit 5-4: Major mask set revision number including FAB transfers
Bit 3-0: Minor — non full — mask set revision
Version ID
MC9S12XEP100
0M22E
$CC80
0xFFFF
MC9S12XEP100
1M22E
$CC80
0xFFFF
MC9S12XEP100
2M22E
$CC82
0xFFFF
MC9S12XEP100
0M48H
$CC90
0xFFFF
MC9S12XEP100
1M48H
$CC91
0xFFFF
MC9S12XEP100
2M48H
$CC92
0xFFFF
MC9S12XEQ512
0M25J
$C480
0xFFFF
MC9S12XET256
0M53J
$C080
0xFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com