Electronic Components Datasheet Search
  English  ▼

X  

PC3S12XEP100J1MVLR Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # PC3S12XEP100J1MVLR
Description  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC3S12XEP100J1MVLR Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button PC3S12XEP100J1MVLR Datasheet HTML 88Page - Freescale Semiconductor, Inc PC3S12XEP100J1MVLR Datasheet HTML 89Page - Freescale Semiconductor, Inc PC3S12XEP100J1MVLR Datasheet HTML 90Page - Freescale Semiconductor, Inc PC3S12XEP100J1MVLR Datasheet HTML 91Page - Freescale Semiconductor, Inc PC3S12XEP100J1MVLR Datasheet HTML 92Page - Freescale Semiconductor, Inc PC3S12XEP100J1MVLR Datasheet HTML 93Page - Freescale Semiconductor, Inc PC3S12XEP100J1MVLR Datasheet HTML 94Page - Freescale Semiconductor, Inc PC3S12XEP100J1MVLR Datasheet HTML 95Page - Freescale Semiconductor, Inc PC3S12XEP100J1MVLR Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 1036 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.07
92
Freescale Semiconductor
2.3
Memory Map and Register Definition
This section provides a detailed description of all Port Integration Module registers.
L
PL7
(TXD7)
O
Serial Communication Interface 7 transmit pin
GPIO
GPIO
I/O General-purpose I/O
PL6
(RXD7)
I
Serial Communication Interface 7 receive pin
GPIO
I/O General-purpose I/O
PL5
(TXD6)
O
Serial Communication Interface 6 transmit pin
GPIO
I/O General-purpose I/O
PL4
(RXD6)
I
Serial Communication Interface 6 receive pin
GPIO
I/O General-purpose I/O
PL3
(TXD5)
O
Serial Communication Interface 5 transmit pin
GPIO
I/O General-purpose I/O
PL2
(RXD5)
I
Serial Communication Interface 5 receive pin
GPIO
I/O General-purpose I/O
PL1
(TXD4)
O
Serial Communication Interface 4 transmit pin
GPIO
I/O General-purpose I/O
PL0
(RXD4)
I
Serial Communication Interface 4 receive pin
GPIO
I/O General-purpose I/O
F
PF7
(TXD3)
O
Serial Communication Interface 3 transmit pin
GPIO
GPIO
I/O General-purpose I/O
PF6
(RXD3)
I
Serial Communication Interface 3 receive pin
GPIO
I/O General-purpose I/O
PF5
(SCL0)
O
Inter Integrated Circuit 0 serial clock line
GPIO
I/O General-purpose I/O
PF4
(SDA0)
I/O Inter Integrated Circuit 0 serial data line
GPIO
I/O General-purpose I/O
PF3
(CS3)
O
Chip select 3
GPIO
I/O General-purpose I/O
PF2
(CS2)
O
Chip select 2
GPIO
I/O General-purpose I/O
PF1
(CS1)
O
Chip select 1
GPIO
I/O General-purpose I/O
PF0
(CS0)
O
Chip select 0
GPIO
I/O General-purpose I/O
1 Signals in brackets denote alternative module routing pins.
2 Function active when RESET asserted.
3 Only available in emulation modes or in Special Test Mode with IVIS on.
4 Refer to S12X_EBI section.
Port
Pin Name
Pin Function
& Priority1
I/O
Description
Pin Function
after Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com