Electronic Components Datasheet Search
  English  ▼

X  

AD9211 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9211
Description  10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9211 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9211 Datasheet HTML 8Page - Analog Devices AD9211 Datasheet HTML 9Page - Analog Devices AD9211 Datasheet HTML 10Page - Analog Devices AD9211 Datasheet HTML 11Page - Analog Devices AD9211 Datasheet HTML 12Page - Analog Devices AD9211 Datasheet HTML 13Page - Analog Devices AD9211 Datasheet HTML 14Page - Analog Devices AD9211 Datasheet HTML 15Page - Analog Devices AD9211 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD9211
Rev. 0 | Page 12 of 28
Pin No.
Mnemonic
Description
9
OR−
D6 Complement Output Bit. (This pin is disabled if Pin 21 is reconfigured through the SPI to be OR−.)
10
OR+
D6 True Output Bit. (This pin is disabled if Pin 22 is reconfigured through the SPI to be OR+.)
11 to 20, 51, 52
DNC
Do Not Connect.
21
DNC/(OR−)
Do Not Connect. (This pin can be reconfigured as the Overrange Complement Output Bit through
the serial port register.)
22
DNC/(OR+)
Do Not Connect. (This pin can be reconfigured as the Overrange True Output Bit through the serial
port register.)
1 AGND and DRGND should be tied to a common quiet ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com