Electronic Components Datasheet Search
  English  ▼

X  

AD9211 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9211
Description  10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9211 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9211 Datasheet HTML 19Page - Analog Devices AD9211 Datasheet HTML 20Page - Analog Devices AD9211 Datasheet HTML 21Page - Analog Devices AD9211 Datasheet HTML 22Page - Analog Devices AD9211 Datasheet HTML 23Page - Analog Devices AD9211 Datasheet HTML 24Page - Analog Devices AD9211 Datasheet HTML 25Page - Analog Devices AD9211 Datasheet HTML 26Page - Analog Devices AD9211 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD9211
Rev. 0 | Page 23 of 28
HARDWARE INTERFACE
Table 9. Serial Port Pins
Mnemonic
Function
The pins described in Table 9 comprise the physical interface
between the user’s programming device and the serial port of
the AD9211. All serial pins are inputs with an open-drain
configuration and should be tied to an external pull-up or pull-
down resistor (suggested value of 10 kΩ).
SCLK
SCLK (Serial Clock) is the serial shift clock in.
SCLK is used to synchronize serial interface
reads and writes.
SDIO
SDIO (Serial Data Input/Output) is a dual-purpose
pin. The typical role for this pin is an input and
output depending on the instruction being sent
and the relative position in the timing frame.
This interface is flexible enough to be controlled by either
PROMS or PIC mirocontrollers as well. This provides the user
with an alternate method to program the ADC other than a SPI
controller.
CSB
CSB (Chip Select Bar) is an active low control that
gates the read and write cycles.
RESET
Master Device Reset. When asserted, device
assumes default settings. Active low.
If the user chooses not to use the SPI interface, some pins serve
a dual function and are associated with a specific function when
strapped externally to AVDD or ground during device power
on. The Configuration Without the SPI section describes the
strappable functions supported on the AD9230.
The falling edge of the CSB, in conjunction with the rising edge
of the SCLK, determines the start of the framing. An example of
the serial timing and its definitions can be found in Figure 51
and Table 11.
CONFIGURATION WITHOUT THE SPI
During an instruction phase, a 16-bit instruction is transmitted.
Data then follows the instruction phase and is determined by
the W0 and W1 bits, which is 1 or more bytes of data. All data is
composed of 8-bit words. The first bit of each individual byte of
serial data indicates whether this is a read or write command.
This allows the serial data input/output (SDIO) pin to change
direction from an input to an output.
In applications that do not interface to the SPI control registers,
the SPI SDIO/DCS and SPI SCLK/DFS pins can alternately
serve as standalone CMOS-compatible control pins. When the
device is powered up, it is assumed that the user intends to use
the pins as static control lines for the duty cycle stabilizer. In
this mode, the SPI CSB chip select should be connected to
ground, which disables the serial port interface.
Table 10. Mode Selection
Mnemonic
Data may be sent in MSB or in LSB first mode. MSB first is
default on power-up and can be changed by changing the con-
figuration register. For more information about this feature and
others, see the AN-877, Interfacing to High Speed ADCs via SPI.
External
Voltage
Configuration
AVDD
Duty cycle stabilizer enabled
SPI SDIO/DCS
AGND
Duty cycle stabilizer disabled
AVDD
Twos complement enabled
SPI SCLK/DFS
AGND
Offset binary enabled
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CSB
tS
tDH
tHI
tCLK
tLO
tDS
tH
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
Figure 51. Serial Port Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com